Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPI Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # RPI
Description  Remote Printer Interface Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

RPI Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  RPI Datasheet HTML 1Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
The Remote Printer Interface (RPI) Module provides a parallel
printer interface to allow any 600 Series FACP to communicate
with and supervise a printer for logging system activity.
Printers can be used to log both testing and real life system
status whenever a hard copy record is required. The RPI’s
parallel output makes supervised communication with virtually
any printer simple. The RPI is also capable of monitoring “off
line”, “paper out” and “no communications” conditions at the
printer.
The combination of any Remote Annunicator (RAN), Serial
Annunciator Drive or Remote Printer Interface (RPI) make up
the Gamewell Status Control Network.
The Status Control Network including RPI units is connected
to the main 600 Series control panel via an RS-232 data
communication line. The SIM-232 module is used to provide
an isolated RS-232 output from the main CPU of the 620, 630,
632, and 650 system panels. The IF610 comes with its own
built-in RS-232 port.
RPI
600 Series
Remote Printer
Interface
Features
• Standalone Wall or Desk Mount
• Supervised
• Parallel Printer Compatible
• Up to 64 Devices Supported on a Single 600 Series FACP
• Dual Optically Isolated Serial Ports
• Microprocessor based
• Supervised
RPI
Specifications
Remote Printer Interface
RPI
Input Power:
24 VAC/VDC
Quiescent Current:
.040A
Alarm Current:
.040A
Dimensions:
12.5”Wx5”H x 2.25”D
Mounting:
Wall or Desk
CS-2028
09/01/06
Gamewell-FCI
Tel: (203) 484-7161
12 Clintonville Road
FAX: (203) 484-7118
Northford, CT 06472
www.gamewell-fci.com
©Gamewell-FCI 2006
Specifications and wiring information are provided for information only and are believed to be accurate. Gamewell-FCI assumes no
responsibility for their use. Data and design are subject to change without notice. Installation and wiring instructions shipped with the
product shall always be used for actual installation. For more information, contact Gamewell-FCI.
Ordering Information
Part Number
Description
RPI
Remote Printer Interface Module
SIM-232
Serial Interface Module
70703
Programming Cable
(Note: Programmed via a
Windows-based program “SAN
Program” included in Smart
Program 7.1 CD
- Part Number SP7-CD)


Similar Part No. - RPI

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-0125 ROHM-RPI-0125 Datasheet
71Kb / 2P
Photointerrupter, Ultraminiature SMD type
RPI-0126 ROHM-RPI-0126 Datasheet
73Kb / 2P
Photointerrupter, Ultraminiature SMD type
RPI-0128 ROHM-RPI-0128 Datasheet
82Kb / 3P
Photointerrupter, Ultraminiature SMD type
RPI-0129 ROHM-RPI-0129 Datasheet
76Kb / 3P
Photointerrupter, Ultraminiature SMD type
RPI-0226 ROHM-RPI-0226 Datasheet
68Kb / 2P
Photointerrupter, Ultraminiature SMD type
More results

Similar Description - RPI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1284 PHILIPS-74HCT1284 Datasheet
138Kb / 12P
Parallel printer interface transceiver/buffer
1998 Jul 10
74LVC1284 PHILIPS-74LVC1284 Datasheet
100Kb / 10P
3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
logo
Micro Electronics
UM82C11 MICRO-ELECTRONICS-UM82C11 Datasheet
127Kb / 1P
Printer Adapter Interface (PAI)
logo
UMC Corporation
UM82C11-C UMC-UM82C11-C Datasheet
517Kb / 9P
Printer Adapter Interface (PAI)
logo
List of Unclassifed Man...
EDE1400 ETC1-EDE1400 Datasheet
184Kb / 7P
Parallel-Printer Interface IC
logo
Purdy Electronics Corpo...
OPTO-3800S PURDY-OPTO-3800S Datasheet
720Kb / 1P
Centronics Modems Printer Interface
logo
Tripp Lite. All Rights ...
SRCOOLNET TRIPPLITE-SRCOOLNET Datasheet
501Kb / 2P
SNMP Webcard Interface Module - Remote Cooling
logo
M-System Co.,Ltd.
R6N-E1 MSYSTEM-R6N-E1 Datasheet
232Kb / 6P
Remote I/O R6 Series ETHERNET INTERFACE MODULE
R6N-M2 MSYSTEM-R6N-M2 Datasheet
231Kb / 7P
Remote I/O R6 Series MODBUS INTERFACE MODULE
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com