Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # SCD
Description  Signal Control Element
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SCD Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  SCD Datasheet HTML 1Page - Gamewell-FCI by Honeywell SCD Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2047 Rev. A page 2 of 2
www.gamewell-fci.com
Programming
All other programming is accomplished at the Fire Alarm
Control Panel (FACP), either through a laptop computer or
the control panel operator’s display.
Mounting
The SCE-95 is designed to mount in a standard 4.688"
(11.908 cm) electrical backbox. The SCE-95 should be
mounted in an easily accessible location of proper connec-
tion and activation.
Engineer’s Specifications
A programmable electronic device shall be provided for the
remote control of notification appliances. The device shall
communicate with the main FACP via the SLC circuit. It
shall supervise its notification appliance circuit and include
an LED for circuit activation annunciation. It shall be
Gamewell-FCI SCE-95.
Specifications
P+, P- Power:
20-24 VDC from listed supply.
Standby Current:
0.0005 A.
Alarm Current:
0.0015 A.
Operating
Temperature:
0° C to 49° C (32°F to 120°F).
Relative Humidity:
85% non-condensing.
Housing
Requirements:
4.688"
(11.908 cm) backbox.
Output Rating:
0.2 Amp DC signal circuit.
Auxiliary input Power: 24 VDC signalling power.
Ordering Information
Model
Description
SCE-95
Signal control element device. XP95 protocol
compatible.
70839
Trim ring for flush mounting the SCE-95.
SCD
Optional signal control display; provides
annunciation of the SCE-95 dontrol element
devices at the FACP. One needed for every
eight SCEs. Compatible only with the IF632
and IF650 FACPs.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com