Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX4 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # FLEX4
Description  Conventional Fire Alarm Control Panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FLEX4 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  FLEX4 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FLEX4 Datasheet HTML 2Page - Gamewell-FCI by Honeywell FLEX4 Datasheet HTML 3Page - Gamewell-FCI by Honeywell FLEX4 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
The Gamewell Flex 4 and Flex 8 Fire Alarm Control Panels
are designed for small to medium commercial, residential, in-
stitutional and industrial occupancies. Simple and easy con-
figuration of the microprocessor-based controls is accom-
plished via DIP switches.
Superior product flexibility allows compliance with the specific
job requirements at each installation. Two standard
configurations are available. The Flex 4 includes 4 Class B
(Style B) Initiating Device Circuits (IDCs), which are easily
programmed and wired to perform as 2 Class A (Style D)
circuits. For signaling an alarm condition, the Flex 4 provides
2 Notification Appliance Circuits (NACs) that may be wired for
Class A/B (Style Z/Y) performance and are rated for loads up
to 1.7 Amperes each.
With twice the circuit capacity, the Flex 8 provides 8 Class B
IDCs, which are easily configurable as 4 Class A circuits and
4 Class A/B NACs. Each NAC is also rated for a maximum of
1.7 Amps, with total notification appliance power for the Flex
8 at 5 Amps maximum. A Flex 4 may be expanded in the field
to provide the circuit capacity of a Flex 8 by installing a Circuit
Expander Module (CEM.) The CEM provides an additional 4
Class B (2 Class A) IDCs and 2 Class A or B NACs.
All initiating circuits of the Flex 4 and Flex 8 are factory set to
operate for Class B (Style B) wiring performance. Through
field programming, all circuits can easily be converted to Class
A (Style D) circuits.
An integral 6 Amp power supply is included in both products
to provide system power, 4-wire resettable smoke power (24
VDC @ 100 mA) and up to 5 Amps of notification appliance
power.
Programming
The Flex 4 and Flex 8 use simple DIP switches for
programming IDCs and NACs, as well as enabling and
disabling of system functions such as signal silence, fire drill
and auxiliary disconnect. Notification
circuits may be
configured for audible or visual devices and silenceable or
non-silenceable operation. The Flex 4 and Flex 8 allow for
alarm verification on all Initiating Device Circuits (IDCs).
Predefined IDCs may be optionally configured for Waterflow
(zone 3 [Flex 4] or zones 3 & 7 [Flex 8]) or Latching/Non-
Latching Supervisory (zone 4 [Flex 4] or zones 4 & 8 [Flex 8]).
Flex 4 & Flex 8
Conventional
Fire Alarm
Control Panels
Approvals
ULListed
CSFM, MEA Approved
Features
• Initiating Device Circuits (IDCs) may be individually
configured for:
> General Alarm
> Waterflow
> Supervisory
> Alarm Verification
• Supervisory operation may be Latching or Non-Latching
• Notification Appliance Circuits (NACs) may be
programmed as:
> Silenceable
> Non-Silenceable
> Auto-Silenceable
> Coded (March Time, Temporal Code, California
Code)
• 5.0 Amps of total NAC power
• Common Alarm, Supervisory and Trouble contacts
• Resettable four-wire smoke detector power @ 100 mA
• Integral Walk Test operation
• EIA-485 interface for up to 3 model RA8 Remote
Annunciators
• Polarity Reversal and City Tie connection (optional)
• Digital Alarm Communicator Transmitter -
DACT (optional)
• Relay-by-zone capability with RY4 (Flex 4) or RY8
(Flex 8) modules
CS-2081 Rev. 1201-3
Page 1


Similar Part No. - FLEX4

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
FLEX400 PROTOADVANTAGE-FLEX400 Datasheet
638Kb / 2P
Flexible 400 pts solder-in breadboard (Exact Solderless Match)
revision 1.1
logo
List of Unclassifed Man...
FLEX405 ETC2-FLEX405 Datasheet
362Kb / 4P
Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
More results

Similar Description - FLEX4

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
GWF402 HONEYWELL-GWF402 Datasheet
72Kb / 2P
2 and 4 Zone Conventional Fire Alarm Control Panels
logo
Gamewell-FCI by Honeywe...
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
Fire Alarm Control Panel
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
Two-Zone Fire Alarm Control Panel
M46-SL GAMEWELL-FCI-M46-SL Datasheet
219Kb / 2P
Conventional Fire Alarm Pull Stations
logo
List of Unclassifed Man...
521BXT ETC2-521BXT Datasheet
256Kb / 2P
Conventional Fire Alarms
540501MED-0842X ETC2-540501MED-0842X Datasheet
189Kb / 1P
fire alarm markets leading conventional sounder
logo
Gamewell-FCI by Honeywe...
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
Small Addressable Fire Alarm Control Panel
GF505 GAMEWELL-FCI-GF505 Datasheet
61Kb / 2P
5 and 10 Zone Conventional Fire Alarm Control Panels
GWF402 GAMEWELL-FCI-GWF402 Datasheet
67Kb / 2P
Two and Four Zone Conventional Fire Alarm Control Panels
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
Addressable Fire Alarm Control Panel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com