Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT500-21 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT500-21
Description  GENERAL POTS SPLITTER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT500-21 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT500-21 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 7, 2007
Datatronic: P.O. Box 1580, 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SCHEMATIC
Note:
1.
For non-RoHS parts replace PT prefix with 42- (e.g.
PT500-21 becomes 42-500-21)
2.
Terminal finish is compliant to RoHS requirements.
SERIES 500
GENERAL POTS SPLITTER INDUCTORS
Features
Maximum DC Line Current up to 80mA DC
Dielectric strength 850VDC for 1 second
Extended temperature range available
Customization available
Optimized design for size and performance
ELECTRICAL SPECIFICATIONS AT 25
°C
Part
Number
Turns Ratio
(1-4):(2-5)
±1%
OCL, Primary
10kHz, 1.0VAC,
0/100mADC
1-4 (mH)
Interwinding
Capacitance
10kHz, 1.0VAC
1-2 Cs pf (Typ)
Resonant
Frequency
1-4 & 2-5 (Min)
DCR @20
°C
1-4, 2-5
(
Ω±10%)
Line Loop
Current (mA)
PT500-21
1:1
10.0
±10%
1.6nf
220kHz
6.50
50
PT500-22
1:1
8.0
±10%
820pf
350kHz
5.00
50
PT500-23
1:1
6.4
±10%
820pf
350kHz
5.00
50
PT500-24
1:1
6.0
±10%
820pf
220kHz
4.50
80
PT500-25
1:1
5.5
±10%
820pf
220kHz
4.75
80
PT500-26
1:1
5.0
±10%
820pf
450kHz
5.00
80
PT500-27
1:1
4.0
±10%
680pf
450kHz
3.50
80
PT500-28
1:1
3.1
±10%
680pf
400kHz
3.50
80
PT500-29
1:1
2.5
±10%
680pf
500kHz
3.50
80
PT500-30
1:1
1.8
±10%
420pf
700kHz
2.00
80
PT500-31
1:1
1.6
±10%
360pf
750kHz
1.80
80
PT500-32
1:1
1.4
±10%
420pf
800kHz
1.95
80
PT500-33
1:1
1.25
±10%
360pf
800kHz
1.80
80
PT500-34
1:1
1.0
±10%
360pf
800kHz
1.80
80
OUTLINE DIMENSIONS


Similar Part No. - PT500-21

ManufacturerPart #DatasheetDescription
logo
API Delevan
PT500-2000 API-PT500-2000 Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
PT500-2000 API-PT500-2000 Datasheet
1Mb / 4P
Power Toroids - Horizontal or Vertical Mount
More results

Similar Description - PT500-21

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC77101 BEL-APC77101 Datasheet
83Kb / 1P
POTS/ISDN Splitter
logo
Sumida Corporation
RM4 SUMIDA-RM4 Datasheet
44Kb / 1P
xDSL POTs Splitter
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
logo
XFMRS Inc.
XF0063-AD5 XFMRS-XF0063-AD5 Datasheet
33Kb / 1P
ADSL POTS Splitter
XF4016 XFMRS-XF4016 Datasheet
35Kb / 1P
ISDN/POTS SPLITTER
logo
SCHOTT CORPORATION
38164 SCHOTT-38164 Datasheet
25Kb / 1P
INDUCTOR - POTS SPLITTER
39370 SCHOTT-39370 Datasheet
26Kb / 1P
INDUCTOR - POTS SPLITTER
logo
XFMRS Inc.
XF4015 XFMRS-XF4015 Datasheet
35Kb / 1P
ISDN/POTS SPLITTER
XF0063-AD5 XFMRS-XF0063-AD5_15 Datasheet
33Kb / 1P
ADSL POTS SPLITTER
XF1313-34HDS XFMRS-XF1313-34HDS Datasheet
44Kb / 1P
POTS SPLITTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com