Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIZ-24S-R Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # MIZ-24S-R
Description  Wheelock MIZ-24S Mini Horn Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

MIZ-24S-R Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  MIZ-24S-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell MIZ-24S-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIZ-24S Mini Horn Series CS-2232
06/01/04
Page 2 of 2
Specifications and wiring information are provided for information only and are believed
to be accurate. Gamewell assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation. For
more information, contact Gamewell.
The Gamewell Company
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell.com
A Honeywell Company
© 2004 Gamewell
The notification appliance shall be a Wheelock MIZ-24S audible appliance or
approved equal. The Notification Appliance shall be electronic and shall have
field selectable settings for Temporal (Code 3) or continuous horn and support
coded systems operation. The anechoic sound pressure measurement on
Temporal (Code 3) setting shall be 87 dBA minimum at 24VDC. The anechoic
sound pressure measurement on Continuous Horn setting shall be 87 dBA
minimum at 24 VDC. Operating voltages shall be 24 VDC using filtered power
or unfiltered power supply (full-wave-rectified). All models shall have provision
for standard reverse polarity type supervision and IN/OUT wiring using terminals
that accept #12 to #18 AWG wiring. The appliances shall be mounted indoors
and mount on standard single-gang electrical backboxes requiring no additional
trimplates or adapters.
*Average RMS Current is per UL average RMS method and Average Mean Current is per UL Average
Mean method. For rate in Rush and Peak current across the UL listed voltage range for both filtered DC
and unfiltered VRMS (FWR), see installation instructions.
Continuous
Code 3
Continuous
Code 3
dBA
dBA
dBA
dBA
16
0.012
79.7
75.5
84.8
84.7
24
0.017
83.2
78.8
87.9
87.9
33
0.024
85.8
81.3
90.6
89.7
MIZ-24S
B
Table 1: UL Listed Models and Ranges
Model
Regulated
UL
Voltage
Average
RMS
Current
(AMPS)
UL 464 @ 10ft
Anechoic dBA @ 10ft
Mounting
Options**
PLEASE READ
THESE
SPECIFICATIONS
AND
ASSOCIATED
INSTALLATION
INSTRUCTIONS CAREFULLY BEFORE
USING, SPECIFYING OR APPLYING THIS
PRODUCT. FAILURE TO COMPLY WITH
ANY OF THESE INSTRUCTIONS,
CAUTIONS OR WARNINGS COULD
RESULT IN IMPROPER APPLICATION,
INSTALLATION AND/OR OPERATION OF
THESE PRODUCTS IN AN EMERGENCY
SITUATION, WHICH COULD RESULT IN
PROPERTY DAMAGE, AND SERIOUS
INJURY OR DEATH TO YOU AND/OR
OTHERS.
WARNING:
CONTACT
WHEELOCK FOR THE CURRENT
“INSTALLATION
INSTRUCTIONS”
(P84408)
AND
“GENERAL
INFORMATION” SHEET (P82380) ON
THESE PRODUCTS. THESE DOCUMENTS
UNDERGO PERIODIC CHANGES. IT IS
IMPORTANT
THAT
YOU
HAVE
CURRENT INFORMATION ON THESE
PRODUCTS.
THESE
MATERIALS
CONTAIN IMPORTANT INFORMATION
THAT SHOULD BE READ PRIOR TO
SPECIFYING OR INSTALLING THESE
PRODUCTS, INCLUDING:
• TOTAL CURRENT REQUIRED BY ALL
APPLIANCES CONNECTED TO SYSTEM
SECONDARY POWER SOURCES.
• FUSE RATINGS ON NOTIFICATION
APPLIANCE CIRCUITS TO HANDLE
PEAK CURRENTS FROM ALLAPPLI-
ANCES ON THOSE CIRCUITS.
• THE VOLTAGE APPLIED TO THESE
PRODUCTS MUST BE WITHIN THEIR
RATED VOLTAGE RANGE.
• FAILURE TO COMPLY WITH THE
INSTALLATION INSTRUCTIONS OR
GENERAL INFORMATION SHEETS
COULD RESULT IN IMPROPER
INSTALLATION, APPLICATION, AND/OR
OPERATION OF THESE PRODUCTS IN
AN EMERGENCY SITUATION, WHICH
COULD RESULT IN PROPERTY
DAMAGE AND SERIOUS INJURY OR
DEATH TO YOU AND/OR OTHERS.
• CONDUCTOR SIZE (AWG), LENGTH
AND AMPACITY SHOULD BE TAKEN
INTO CONSIDERATION PRIOR TO
DESIGN AND INSTALLATION OF
THESE PRODUCTS, PARTICULARLY IN
RETROFIT INSTALLATIONS.
Engineer’s Specifications
Wiring Diagram
Model
Description
Mounting
Options**
MIZ-24S-R
24 Volt, Red
B
MIZ-24S-W
24 Volt, White
B
** Refer to mounting options data sheet.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com