Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP-FLEX Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # DP-FLEX
Description  Two-Zone Fire Alarm Control Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

DP-FLEX Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  DP-FLEX Datasheet HTML 1Page - Gamewell-FCI by Honeywell DP-FLEX Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flex 402 Two-Zone FACP
CS-2402
09/01/06
Page 1 of 2
Description
The Gamewell Flex 402 Fire Alarm
Control Panel brings the latest in mi-
croprocessor technology to conven-
tional fire controls. The Flex 402 is
compatible with the new i³ ™ smoke
detectors from System Sensor, and
provides advanced features including
drift compensation, maintenance alert,
and freeze warning. Automatic synchro-
nization of audio/visual devices is pro-
vided, selectable for three manufactur-
ers’ protocols. The NAC protocol in-
cludes the ability, using a single pair of wires, to silence audible devices while
strobes continue to flash.
The Flex 402 is also compatible with conventional input devices such as two-
and four-wire smoke detectors, pull stations, waterflow devices, tamper switches
and other normally-open contact devices.
Operation
The activation of a compatible smoke detector or any normally-open fire alarm
initiating device will: activate audible and visual signaling devices, illuminate an
indicating LED, sound the piezo sounder at the FACP, activate the FACP alarm
relay, and operate an optional module which notifies a remote station or initiates
an auxiliary control function.
i³™ Technology Features
• Drift compensation automatically adjusts detector sensitivity and increases
resistance to false alarms caused by dust accumulation.
• The maintenance alert LEDs (per zone) warn of excessive dirt accumulation,
preventing false alarms.
• Detector sensitivity is automatically measured. The twice-yearly test require-
ments of NFPA 72 (7-3.2.1) are met without using a ladder or test meter.
• The wireless handheld sensitivity meter eliminates the need for voltmeters,
magnets, or a physical connection to the detector. The reader displays sensi-
tivity in terms of percent-per-foot obscuration and provides text status indica-
tion.
• The supervisory LED (per zone) provides a warning if a detector senses tem-
peratures approaching freezing.
• Special test protocol and LED indication allow a quick test of all detectors —
without a ladder.
• Electronic heat-sensing element provides thermal detection in addition to pho-
toelectronic smoke detection.
Features
• Two Style B (Class B) Initiating Device
Circuits (IDCs).
• One Style Y (Class B) Notification Appliance
Circuit (NAC).
• 24 VDC.
• NAC synchronization features:
– Provides synchronization of standard ANSI
audible signals as required by NFPA 72
(3-8.4.1.2.3).
– Provides synchronization of ADA compliant
strobes per NFPA 72 (4-4.4.1).
– Selectable for System Sensor, Wheelock,
and Gentex protocols.
– Selective Silence feature allows manual
silencing of horns while strobes continue to
flash on the same NAC.
• Silent orAudible Walk Test operation mode
commanded from the front keypad, with
automatic return to normal after one hour of
inactivity.
• Alarm verification selectable per zone.
• Each zone may be programmed for
supervisory or fire; each zone has separate
red and yellow LEDs.
• Disable switches provided for each zone.
• NACs programmable for: Silence Inhibit, Auto
Silence, Strobe Synchronization, Selective
Silence (horn/strobe mute), Temporal or
Steady signal, Silenceable or
Nonsilenceable.
• Form-C Alarm and Trouble relays.
• 3.0 amps total usable current.
• Optional dress panel (P/N DP-FLEX).
• Piezo sounder for alarm, trouble, supervisory,
and maintenance.
• Control buttons: ACK (Acknowledge), Alarm
Silence, Reset, Walktest,
Zone Enable/Disable (one per zone).
• LED indicators: Fire Alarm (one per zone),
Supervisory (one per zone), Trouble (one
per zone), Maintenance (one per zone),
AC Power, NAC Disable, Zone Disable,
NAC Fault, System Trouble, Power Trouble,
Walktest, Alarm Silence, Earth Fault (on
circuit board), Battery Fault (on circuit board),
Charger Fault (on circuit board).
Listings
Listings and approvals below apply to the
basic Flex 402 panel. In some cases, certain
modules may not be listed by certain
approval agencies, or listing may be in
process. Consult factory for latest listing
status.
• UL Listed: file S521.
• CSFM approved: file 7165-1288-180.
• MEA approved: file 366-04-E.
Flex 402
Two-Zone Fire Alarm Control Panel


Similar Part No. - DP-FLEX

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
DP-FLEX GAMEWELL-FCI-DP-FLEX Datasheet
80Kb / 2P
Four-Zone Fire Alarm Control Panel
More results

Similar Description - DP-FLEX

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
GWF402 HONEYWELL-GWF402 Datasheet
72Kb / 2P
2 and 4 Zone Conventional Fire Alarm Control Panels
logo
Gamewell-FCI by Honeywe...
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
Compact Analog Addressable Fire Alarm Control Panel
FC-2224 GAMEWELL-FCI-FC-2224 Datasheet
429Kb / 2P
TWO-ZONE PANEL
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
Four-Zone Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
Compact Analog Addressable Fire Alarm Control Panel
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
Small Addressable Fire Alarm Control Panel
GF505 GAMEWELL-FCI-GF505 Datasheet
61Kb / 2P
5 and 10 Zone Conventional Fire Alarm Control Panels
GWF402 GAMEWELL-FCI-GWF402 Datasheet
67Kb / 2P
Two and Four Zone Conventional Fire Alarm Control Panels
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
Addressable Fire Alarm Control Panel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com