Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR-1-R Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # TR-1-R
Description  Two-Zone Fire Alarm Control Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

TR-1-R Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  TR-1-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell TR-1-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Flex 402 Two-Zone FACP
CS-2402
09/01/06
Page 2 of 2
Specifications and wiring information are provided for information only and are
believed to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation.
For more information, contact Gamewell-FCI.
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Specifications
AC power, TB8
120 VAC, 50/60 Hz, 2.3 A.
Wire size: minimum 14 AWG (2.0 mm²)
with 600 V insulation.
Battery (sealed lead-acid only), J8
Maximum charging circuit: normal flat
charge 27.6 VDC @ 0.8 A.
Maximum battery charger capacity:
18 AH battery. Two 7 AH batteries can
be housed in the FACP cabinet. Larger
batteries require a separate battery
box such as the BB-17F.
Initiating device circuits, TB3
Alarm zones 1&2. Power-limited circuitry.
Operation: all zones Style B (Class B).
Normal operating voltage: nominal 22
VDC.
Alarm current: 15 mA minimum.
Standby current: 4 mA.
Short circuit current: 40 mA maximum.
Maximum loop resistance: 100 ohms.
End-of-line resistor: 4.7K ohm, 1/2
watt (P/N 71252).
Notification appliance circuits, TB2
One NAC on Flex 402. Power-limited
circuitry.
Normal operating voltage: nominal 24
VDC.
Maximum signaling current: 2.5 A total
with standard transform.
End-of-line resistor: 4.7K ohm, 1/2
watt (P/N 71252).
Form-C relays
Trouble relay TB5 (fail-safe). Alarm
relay TB6.
Contact ratings: 2.0 A @ 30 VAC
(resistive).
Auxiliary outputs
Resettable power, TB1
Power-limiting circuitry.
Operating voltage: nominal 24 VDC.
Maximum available current: 500 mA,
appropriate for powering four-wire
smoke detectors. Note: Total current
for resettable power and one NAC
must not exceed 3 A for the Flex 402.
Cabinet dimensions
Door: 15.342" (38.97 cm) high x 14.677"
(37.28 cm) wide x 0.375" (0.95 cm)
deep. Backbox: 15.0" (38.10 cm) high
x 14.5" (36.83 cm) wide x 3.0" (7.62 cm)
deep.
Backbox Mounting
The cabinet can be surface-mounted. The door is removable during installa-
tion by opening and lifting it off the hinges. The cabinet mounts using two
key slots at the top of the backbox and two additional 0.250" diameter holes
at the bottom.
Ordering Information
F402
Two-zone conventional FACP.
BB-17F
Battery box, required to house two batteries greater than 7
AH, to a maximum of 18 AH.
DP-FLEX
Dress panel.
TR-1-R
Trim ring for semi-flush mounting.
52194
Flex 402 Installation and Maintenance Manual.
i³™ is a trademark and Gamewell® is a registered trademark of Honeywell International Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com