Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP50C32 Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP50C32
Description  MIXED-SIGNAL PROCESSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP50C32 Datasheet(HTML) 2 Page - Texas Instruments

  MSP50C32 Datasheet HTML 1Page - Texas Instruments MSP50C32 Datasheet HTML 2Page - Texas Instruments MSP50C32 Datasheet HTML 3Page - Texas Instruments MSP50C32 Datasheet HTML 4Page - Texas Instruments MSP50C32 Datasheet HTML 5Page - Texas Instruments MSP50C32 Datasheet HTML 6Page - Texas Instruments MSP50C32 Datasheet HTML 7Page - Texas Instruments MSP50C32 Datasheet HTML 8Page - Texas Instruments MSP50C32 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MSP50C32, MSP50C33, MSP50C34
MSP50P34, MSP50C37, MSP50P37
MIXED-SIGNAL PROCESSORS
SPSS019A – MAY 1997 – REVISED OCTOBER 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range†
Supply voltage range, VDD (see Note 1)
–0.3 V to 8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply current, IDD or ISS (see Note 2)
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 30
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to ground.
2. The total supply current includes the current out of all the I/O terminals and DAC terminals as well as the operating current of the
device.
recommended operating conditions (MSP50C32, MSP50C33, MSP50x34)
MAX
MAX
UNIT
VDD
Supply voltage†
3.3
6.5
V
VDD = 3.3 V
2.5
3.3
VIH
High-level input voltage
VDD = 5 V
3.8
5
V
VDD = 6 V
4.5
6
VDD = 3.3 V
0
0.65
VIL
Low-level input voltage
VDD = 5 V
0
1
V
VDD = 6 V
0
1.3
TA
Operating free-air temperature
Device functionality
0
70
°C
Rspeaker
Minimum speaker impedance
Direct speaker drive using 2 pin push-pull DAC option
32
Ω
† Unless otherwise noted, all voltages are with respect to VSS.
recommended operating conditions (MSP50x37)
MIN
MAX
UNIT
VDD
Supply voltage†
4
6.5
V
VDD = 4 V
3
4
VIH
High-level input voltage
VDD = 5 V
3.8
5
V
VDD = 6 V
4.5
6
VDD = 4 V
0
1
VIL
Low-level input voltage
VDD = 5 V
0
1.2
V
VDD = 6 V
0
1.5
MUX input voltage
Reference voltage = 6.5 V
0
6.5
V
TA
Operating free-air temperature
Device functionality
–10
70
°C
Rspeaker
Minimum speaker impedance
Direct speaker drive using power amp
8
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com