Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT321-200 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # CT321-200
Description  SMD Current Sense Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

CT321-200 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  CT321-200 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 6, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
Schematic
8
7
1
3
7
8
1
2
3
4
5
6
.024
0,61
.010
0,25
.320 MAX
8,13
.161 MAX
4,10
.230 MAX
5,85
.073
1,85
.073
1,85
.050
1,27
.060
1,52
.120
3,05
.100
2,54
.106
2,69
.050
1,52
SUGGESTED PAD LAYOUT
CT321-XXX
SMD Current Sense Transformer CT321 Series
Features
•
Low Profile – Height: 4.1mm Max.
•
Primary Rated for 10 Amps RMS Max.
•
Operating Frequency Range: 10kHz to 1MHz
•
Temperature range –20°C to +130°C
•
Electrical Specifications @ 25°C
•
Tinned Leads with Leaded Solder is Available (note 6)
Datatronics
Part Number
Turns Ratio
(
± 2%)
Inductance (1-3)
µH
(TYP)
DCR (1-3)
Ω
(MAX)
Hipot Vrms
CT321-020
1:20
100
0.50
500
CT321-030
1:30
230
0.75
500
CT321-040
1:40
440
1.03
500
CT321-050
1:50
670
1.61
500
CT321-060
1:60
1000
1.98
500
CT321-070
1:70
1300
2.97
500
CT321-100
1:100
2800
5.36
500
CT321-125
1:125
4400
6.67
500
CT321-200
1:200
12200
33.24
500
Mechanical Outline:
Notes:
1.)
All dimensions are in inches/mm
Tolerance:
±0.010/0,25 unless otherwise
specified
2.)
Inductance tested at 10 kHz, 0.1Vrms
3.)
Coplanarity: 0.004/0,102
4.)
Tape and reel quantity, 1200 pcs/reel
5.)
Terminating resistor (RT) calculated:
RT = (NTURNS / IPRI) * VREF
6.)
For Non-RoHS parts, replace CT prefix with -42
e.g. CT321 becomes 42-321
7.)
Terminal finish compliant to RoHS requirements.
Solder in accordance with J-STD-020C


Similar Part No. - CT321-200

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
CT321-200 DATATRONICS-CT321-200 Datasheet
116Kb / 1P
SMD Current Sense Transformer CT321 Series
More results

Similar Description - CT321-200

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
CT317-020 DATATRONICS-CT317-020 Datasheet
82Kb / 1P
SMD Current Sense Transformer
CT320-020 DATATRONICS-CT320-020 Datasheet
140Kb / 1P
SMD Current Sense Transformer
CT322-020 DATATRONICS-CT322-020 Datasheet
82Kb / 1P
SMD Current Sense Transformer
CT323-020 DATATRONICS-CT323-020 Datasheet
83Kb / 1P
SMD Current Sense Transformer
logo
TRIAD MAGNETICS
CSE5-100301 TRIAD-CSE5-100301 Datasheet
107Kb / 1P
SMD Current Sense Transformer
CSE5-100401 TRIAD-CSE5-100401 Datasheet
106Kb / 1P
SMD Current Sense Transformer
CSE5-100501 TRIAD-CSE5-100501 Datasheet
106Kb / 1P
SMD Current Sense Transformer
CSE5-100601 TRIAD-CSE5-100601 Datasheet
106Kb / 1P
SMD Current Sense Transformer
CSE5-100701 TRIAD-CSE5-100701 Datasheet
106Kb / 1P
SMD Current Sense Transformer
CSE5-101251 TRIAD-CSE5-101251 Datasheet
107Kb / 1P
SMD Current Sense Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com