Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR-1-R Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # TR-1-R
Description  Four-Zone Fire Alarm Control Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

TR-1-R Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  TR-1-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell TR-1-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Flex 404 Four-Zone FACP
CS-2404
09/01/06
Page 2 of 2
Specifications and wiring information are provided for information only and are
believed to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation. For
more information, contact Gamewell-FCI.
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Specifications
AC power, TB8
120 VAC, 50/60 Hz, 2.3 A.
Wire size: minimum 14 AWG (2.0 mm²) with
600 V insulation.
Battery (sealed lead-acid only), J8
Maximum charging circuit: normal flat charge
27.6 VDC @ 0.8 A.
Maximum battery charger capacity:
18 AH battery. Two 7 AH batteries can be
housed in the FACPcabinet.Larger batteries
require a separate battery box i.e. BB-17F.
Initiating device circuits, TB3
Alarm zones 1 – 4. Power-limited circuitry.
Operation: all zones Style B (Class B).
Normal operating voltage: nominal 22 VDC.
Alarm current: 15 mA minimum.
Standby current: 4 mA.
Short circuit current: 40 mA maximum.
Maximum loop resistance: 100 ohms. End-
of-line resistor: 4.7K ohm, 1/2 watt (P/N
71252).
Notification appliance circuits, TB2
Two NACs on Flex 404. Power-limited
circuitry.
Normal operating voltage: nominal 24 VDC.
Maximum signaling current: 2.5 A total with
standard transformer; 5.0 Atotal (2.5
maximum per NAC) with optional trans-
former.
End-of-line resistor: 4.7K ohm, 1/2 watt
(P/N 71252).
Form-C relays
Trouble relay TB5 (fail-safe). Alarm relayTB6.
Contact ratings: 2.0 A @ 30 VAC (resistive).
Auxiliary outputs
Resettable power, TB1
Power-limiting circuitry.
Operating voltage: nominal 24 VDC.
Maximum available current: 500 mA,
appropriate for powering four-wire smoke
detectors. See note under nonresettable.
Nonresettable power, TB1
Power-limiting circuitry.
Operating voltage: nominal 24 VDC.
Maximum available current: 500 mA,
appropriateforpoweringfour-wiresmoke
detectors.Note:Totalcurrentfornonre-settable
power, resettable power and two NACs must
not exceed 6A for the Flex 404.
Cabinet dimensions
Door: 15.342" (38.97 cm) high x 14.677"
(37.28 cm) wide x 0.375" (0.95 cm) deep.
Backbox: 15.0" (38.10 cm) high x 14.5"
(36.83 cm) wide x 3.0" (7.62 cm) deep.
Backbox Mounting
The cabinet can be surface-mounted. The door is removable during installation
by opening and lifting it off the hinges. The cabinet mounts using two key slots at
the top of the backbox and two additional 0.250" diameter holes at the bottom.
Ordering Information
F404
Four-zone conventional FACP.
XRM-24
120 VAC, 100 VA transformer, expands NAC power from 3.0
to 5.0 Amps.
CAC-4
Class A converter module. Used to convert Style B (Class
B) IDC to Style D (Class A) and Style Y (Class B) NAC to
Style Z (Class A). The module connects to J1 on the Flex
404 circuit board.
4XTMF
Transmitter module.
4XLMF
LED interface module, supports SAN-404.
4XZMF
Zone relay module.
411UD
Four-input (channel) 411UD dual-line Digital Alarm Commu-
nicator/Transmitters, which can be used as slave communi-
cators with Flex 404.
PRO-411
Programmer used with 411UD.
SAN-404
Remote annunciator (RZA-4XF), mounts in a single-gang
box.
BB-17F
Battery box, required to house two batteries greater than 7
AH, to a maximum of 18 AH.
DP-FLEX
Dress panel.
TR-1-R
Trim ring for semi-flush mounting.
52194
Flex 404 Installation and Maintenance Manual.
i³™ is a trademark and Gamewell® is a registered trademark of Honeywell International Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com