Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR-3-R Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # TR-3-R
Description  Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

TR-3-R Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  TR-3-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell TR-3-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell TR-3-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell TR-3-R Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Flex 405
CS-2405 09/01/06
Page 3 of 4
51348t1.tbl
Format #
(Addresses 16 & 42)
Ademco
685 (1)
Silent
Knight
9000
ITI
CS-4000
(3)
FBI
CP220FB
Osborne
Hoffman
Models
1 & 2
Radionics
6000/6500
(5)
Sescoa
3000R
(7)
SurGuard
MLR-2
(9)
0
4+1 Ademco Express
44
4
1
4+2 Ademco Express
44
4 (8)
4
2
3+1/Standard/1800/2300
4
4 (2)
4
4 (4)
4
4 (5, 6)
4
4
3
3+1/Expanded/1800/2300
44 (2)
4
4 (4)
4
4
4
4
3+1/Standard/1900/1400
44 (2)
4 (4)
4
4
4
5
3+1/Expanded/1900/1400
44 (2)
4 (4)
4
4
4
6
4+1/Standard/1800/2300
4
4 (2)
4
4 (4)
4
4 (5)
4
4
7
4+1/Expanded/1800/2300
44 (2)
4 (4)
4
4
4
8
4+1/Standard/1900/1400
44 (2)
4 (4)
4
4
4
9
4+1/Expanded/1900/1400
44 (2)
4 (4)
4
4
4
A
4+2/Standard/1800/2300
4
4 (2)
4
4 (4)
4
4 (5)
4
4
B
4+2/Expanded/1800/2300
44 (2)
4 (4)
4
4
4
C
4+2/Standard/1900/1400
44 (2)
4 (4)
4
4
4
D
4+2/Expanded/1900/1400
44 (2)
4 (4)
4
4
4
E
(NOT USED)
F
(NOT USED)
UL-Listed Receivers Compatible
with the Flex
405
KEY:
(1) With 685-8 Line Card with Rev. 4.4d software.
(2) With 9002 Line Card Rev. 9035 software or 9032 Line Card with 9326A software.
(3) Rev. 4.0 software.
(4) FBI CP220FB Rec-11 Line Card with Rev. 2.6 software and a memory card with
Rev. 3.8 software.
(5) Model 6500 with Rev. 600 software.
(6) Model 6000 with Rev. 204 software.
(7) With Rev. B control card at Rev. 1.4 software and Rev. C line card at Rev. 1.5 software.
(8) Model 2 only.
(9) Version 1.62 software.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com