Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS-PD Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # SS-PD
Description  Intelligent Low-Flow Photoelectric Duct Smoke Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SS-PD Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  SS-PD Datasheet HTML 1Page - Gamewell-FCI by Honeywell SS-PD Datasheet HTML 2Page - Gamewell-FCI by Honeywell SS-PD Datasheet HTML 3Page - Gamewell-FCI by Honeywell SS-PD Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS-PD and SS-PDR
CS-2463
10/21/04
Page 1 of 4
Features
• Air velocity rating from 100 to
4,000 feet per minute (0.5 to
20.32 m/sec.).
• Patented telescopic sampling
tube.
• Easily accessible code wheels
for addressing detector.
• Outside mounting tabs.
• Mounts to round or rectangular
ducts from 1’ to 12’ (0.3 to 3.7
meters) wide.
• Transparent cover for conve-
nient visual inspection.
Listings
Listings and approvals below
apply to the SS-PD and SS-
PDR Intelligent Low-Flow
Photoelectric Duct Smoke
Detectors. In some cases,
certain modules may not be
listed by certain approval
agencies, or listing may be in
process. Consult factory for
latest listing status.
• UL Listed: file S1115.
• CSFM approved:
file 3240-1288:167.
• MEA approved: file 384-02-E
Vol. III.
SS-PD and SS-PDR
Intelligent Low-Flow Photoelectric
Duct Smoke Detectors
Description
The Gamewell SS-PD and SS-PDR
Intelligent Low-Flow Photoelectric
Smoke Duct Detectors provide low-
flow technology that enables duct
smoke detection throughout a broad
range of airflow environments in HVAC
applications. The low-flow technology
can detect smoke at air speed veloci-
ties of 100 feet per minute (0.5 m/sec.)
or greater, while continuing the same
reliable performance to 4,000 feet per
minute (20.32 m/sec.). The intelligent
low-flow duct detectors sample air cur-
rents passing through a duct and gives
dependable performance for shutdown
SS-PDR
Applications
Duct smoke detectors have specific limitations, they are:
• NOT a substitute for open area smoke detectors.
• NOT a substitute for early warning detection.
• NOT a replacement for a building’s regular fire detection system.
Please call Gamewell for a copy of System Sensor’s application guide, Proper Use
of Smoke Detectors in Duct Applications, (A05-1004-00).
Installation
Wiring: For signal wiring (the wiring between detectors or from detectors to auxil-
iary devices), it is recommended that single conductor wire be no smaller than 18
AWG (0.75 mm²). The duct smoke detector terminals accommodate wire sizes up
to 12 AWG (3.25 mm²). Flexible conduit is recommended for the last foot (30.48
cm) of conduit; solid conduit connections may be used if desired.
Smoke detectors and alarm system control panels have specifications for Signal-
ing Line Circuit (SLC) wiring. Consult the control panel specifications for wiring
requirements before wiring the detector loop. The SS-PD and SS-PDR detectors
are designed for ease of wiring; their housing provides a terminal strip with clamp-
ing plates.
LED Features: If programmed with the system control panel, two LEDs on each
duct smoke detector light to provide local visible indication.
SS-PD
of fans, blowers, and air conditioning systems, preventing the spread of toxic smoke
an fire gases through the protected area.
The SS-PD and SS-PDR provide a remote alarm output for use with auxiliary
devices such as the RA400 remote LED annunciator, as well as remote test capa-
bility with the RTS451 or RTS451KEY Remote Test Stations.
The SS-PD is a photoelectric duct detector with SmartScanTM protocol. The SS-
PDR additionally incorporates a relay.


Similar Part No. - SS-PD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SS-P OMRON-SS-P Datasheet
480Kb / 8P
Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
401Kb / 6P
SS Series Compatible Mounting
SS-P_1110 OMRON-SS-P_1110 Datasheet
401Kb / 6P
SS Series Compatible Mounting
More results

Similar Description - SS-PD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
72247 ETC2-72247 Datasheet
203Kb / 2P
For Duct Smoke Detectors
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
Intelligent Duct Smoke Detector
2W-B SYSTEMSENSOR-2W-B Datasheet
221Kb / 2P
Photoelectric Smoke Detectors
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
Intelligent Low-Flow Duct Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
Intelligent Duct Smoke Detectors
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
Intelligent Non-Relay Photoelectric Duct Smoke Detector
DH100LP SYSTEMSENSOR-DH100LP Datasheet
168Kb / 4P
2-Wire Low-Flow Duct Smoke Detector
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
4-Wire Photoelectric Low-Flow Duct Smoke Detector
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
Intelligent Photoelectric Smoke Detectors
logo
Gamewell-FCI by Honeywe...
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
Analog Addressable Duct Smoke Detectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com