Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR331-9-332 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR331-9-332
Description  SHIELDED SMD INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR331-9-332 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR331-9-332 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
April 22, 2008
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
.110
2.79
SUGGESTED PAD LAYOUT
.115
2.92
.490
12,45
ELECTRICAL SPECIFICATIONS AT 25°C
Inductance
DCR
I rms (A)
I sat (A)
SRF
Part No.
(
μH) ± 20%
(
Ω) Max.
Max.
Max.
MHz (REF.)
DR331-9-102
1
0.009
8.6
20
80
DR331-9-222
2.2
0.014
7.1
16
80
DR331-9-332
3.3
0.018
6.2
14
60
DR331-9-562
5.6
0.020
5.3
12
40
DR331-9-103
10
0.031
4.3
10
30
DR331-9-153
15
0.036
4
8.0
22
DR331-9-223
22
0.047
3.5
7.0
20
DR331-9-333
33
0.066
3
5.5
15
DR331-9-473
47
0.086
2.6
4.5
9.0
DR331-9-683
68
0.13
2.3
3.5
8.0
DR331-9-104
100
0.19
1.8
3.0
7.0
DR331-9-154
150
0.25
1.5
2.6
6.0
DR331-9-224
220
0.38
1.2
2.4
5.0
DR331-9-334
330
0.56
1.0
1.9
4.0
DR331-9-474
470
0.85
0.82
1.4
3.0
DR331-9-684
680
1.1
0.72
1.2
2.5
DR331-9-105
1000
1.8
0.56
1.0
2.0
MECHANICAL SPECIFICATIONS
SHIELDED SMD INDUCTOR DR331-9 SERIES
Features
Surface Mount Design
Inductance Range from 10µH to 1000µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 6)
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance
= Inches: ±0.010
= Millimeters: ±0,30
2.
Isat based on the inductance being 90% of its
initial value
3.
Irms based on temperature rise of 40°C
4.
Tape & Reel Packaging, 400 pcs / reel.
5.
Inductance tested at 0.1 Vrms @ 100 kHz
6.
For non-RoHS parts replace DR prefix with
42- (e.g. DR331-9 becomes 42-331-9)
7.
Terminal finish is compliant to RoHS
requirements. Solder in accordance with
J-STD-020C
.600
15,24 Max
.
.730
18,54 Max.
.280
7,11 Max.
.100
2.54
.500
12,70
XXX


Similar Part No. - DR331-9-332

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-9-332 DATATRONICS-DR331-9-332 Datasheet
94Kb / 1P
SHIELDED SMD INDUCTOR DR331-9 SERIES
More results

Similar Description - DR331-9-332

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
SHIELDED SMD INDUCTOR
DR350-1-332 DATATRONICS-DR350-1-332 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR350-3-332 DATATRONICS-DR350-3-332 Datasheet
83Kb / 1P
SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
Shielded smd Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com