Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1225 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCI1225
Description  PC CARD CONTROLLERS
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1225 Datasheet(HTML) 1 Page - Texas Instruments

  PCI1225 Datasheet HTML 1Page - Texas Instruments PCI1225 Datasheet HTML 2Page - Texas Instruments PCI1225 Datasheet HTML 3Page - Texas Instruments PCI1225 Datasheet HTML 4Page - Texas Instruments PCI1225 Datasheet HTML 5Page - Texas Instruments PCI1225 Datasheet HTML 6Page - Texas Instruments PCI1225 Datasheet HTML 7Page - Texas Instruments PCI1225 Datasheet HTML 8Page - Texas Instruments PCI1225 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 131 page
background image
PCI1225 GHK/PDV
PC CARD CONTROLLERS
SCPS035B – MAY 1998 – REVISED – MAY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D PCI Bus Power Management Interface
Specification 1.0 Compliant
D ACPI 1.0 Compliant
D Fully Compatible With the Intel™ 430TX
(Mobile Triton II) Chipset
D Packaged in a 208-Pin Low-Profile QFP
(PDV) or GHK High Density Ball Grid Array
(BGA)
D PCI Local Bus Specification Revision 2.2
Compliant
D 1997 PC Card Standard Compliant
D PC 99 Compliant
D 3.3-V Core Logic With Universal PCI
Interfaces Compatible With 3.3-V and 5-V
PCI Signaling Environments
D Mix-and-Match 5-V/3.3-V 16-bit PC Cards
and 3.3-V CardBus Cards
D Supports Two PC Card or CardBus Slots
With Hot Insertion and Removal
D Uses Serial Interface to TI TPS2202/2206
Dual-Slot PC Card Power Switch
D Supports Burst Transfers to Maximize Data
Throughput on the PCI Bus and CardBus
Bus
D Supports Parallel PCI Interrupts, Parallel
ISA IRQ and Parallel PCI Interrupts, Serial
ISA IRQ With Parallel PCI Interrupts, and
Serial ISA IRQ and PCI Interrupts
D Serial EEPROM Interface for Loading
Subsystem ID and Subsystem Vendor ID
D Pipelined Architecture Allows Greater Than
130-MBps Throughput From
CardBus-to-PCI and From PCI-to-CardBus
D Supports up to Five General-Purpose I/Os
D Programmable Output Select for CLKRUN
D Multifunction PCI Device With Separate
Configuration Space for Each Socket
D Five PCI Memory Windows and Two I/O
Windows Available for Each R2 Socket
D Two I/O Windows and Two Memory
Windows Available to Each CardBus
Socket
D Exchangeable Card Architecture (ExCA)
Compatible Regesters Are Mapped in
Memory and I/O Space
D Intel 82365SL-DF Register Compatible
D Supports Distributed DMA (DDMA) and
PC/PCI DMA
D Supports 16-Bit DMA on Both PC Card
Sockets
D Supports Ring Indicate, SUSPEND, PCI
CLKRUN, and CardBus CCLKRUN
D LED Activity Pins
D Supports PCI Bus Lock (LOCK)
D Advanced Submicron, Low-Power CMOS
Technology
Description
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
System Block Diagram
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Terminal Assignments
4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Name/Terminal Number Sort Tables
6
. . . . . . . . . . . . . . . . . . . . . . . . . .
Terminal Functions
12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Supply Sequencing
22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O Characteristics
22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clamping Rail Voltages
22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peripheral Component Interconnect (PCI) Interface
23
. . . . . . . . . . . . . . . .
PC Card Applications
24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Serial Bus Interface
30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Programmable Interrupt Subsystem
36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Management Overview
41
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PC Card Controller Programming Model
45
. . . . . . . . . . . . . . . . . . . . . . . . . .
PCI Configuration Registers (Functions 0 and 1)
46
. . . . . . . . . . . . . . . . . . .
ExCA Compatibility Registers (Functions 0 and 1)
83
. . . . . . . . . . . . . . . . . .
CardBus Socket Registers (Functions 0 and 1)
106
. . . . . . . . . . . . . . . . . . . . . .
Distributed DMA (DDMA) Registers
114
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Absolute Maximum Ratings
119
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions
120
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics
121
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PCI Clock/Reset Timing Requirements
122
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PCI Timing Requirements
122
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Parameter Measurement Information
123
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PCI Bus Parameter Measurement Information
124
. . . . . . . . . . . . . . . . . . . . . . .
PC Card Cycle Timing
125
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Timing Requirements (Memory Cycles)
126
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Timing Requirements (I/O Cycles)
126
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switching Characteristics (Miscellaneous
127
. . . . . . . . . . . . . . . . . . . . . . . . . . .
PC Card Parameter Measurement Information
128
. . . . . . . . . . . . . . . . . . . . . . .
Mechanical Data
129
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Table of Contents
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
Intel is a trademark of Intel Corporation.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - PCI1225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1221 TI-PCI1221 Datasheet
1Mb / 123P
PC CARD CONTROLLERS
PCI1221GHK TI-PCI1221GHK Datasheet
1Mb / 123P
PC CARD CONTROLLERS
PCI1221PDV TI-PCI1221PDV Datasheet
1Mb / 123P
PC CARD CONTROLLERS
More results

Similar Description - PCI1225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1211 TI-PCI1211 Datasheet
1Mb / 130P
PC CARD CONTROLLERS
PCI1410 TI-PCI1410 Datasheet
606Kb / 145P
PC CARD CONTROLLERS
PCI1420 TI-PCI1420 Datasheet
532Kb / 137P
PC Card Controllers
PCI1450 TI-PCI1450 Datasheet
1Mb / 132P
PC Card Controllers
PCI1520 TI-PCI1520 Datasheet
745Kb / 138P
PC CARD CONTROLLERS
PCI1510 TI-PCI1510 Datasheet
735Kb / 128P
PC CARD CONTROLLERS
PCI1520-EP TI1-PCI1520-EP Datasheet
779Kb / 138P
PC Card Controllers
PCI1510RGVF TI1-PCI1510RGVF Datasheet
58Kb / 4P
PC Card Controllers
PCI1420PDV TI1-PCI1420PDV Datasheet
200Kb / 6P
PC Card Controllers
PCI1520GHK TI-PCI1520GHK Datasheet
716Kb / 139P
PC Card Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com