Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1420 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1420
Description  PC Card Controllers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1420 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI1420 Datasheet HTML 17Page - Texas Instruments PCI1420 Datasheet HTML 18Page - Texas Instruments PCI1420 Datasheet HTML 19Page - Texas Instruments PCI1420 Datasheet HTML 20Page - Texas Instruments PCI1420 Datasheet HTML 21Page - Texas Instruments PCI1420 Datasheet HTML 22Page - Texas Instruments PCI1420 Datasheet HTML 23Page - Texas Instruments PCI1420 Datasheet HTML 24Page - Texas Instruments PCI1420 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 137 page
background image
2–9
Table 2–7. PCI System
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
PDV
GHK
GRST
175
A11
I
Global reset. When the global reset is asserted, the GRST signal causes the PCI1420 to place all output
buffers in a high-impedance state and reset all internal registers. When GRST is asserted, the device is
completely in its default state. For systems that require wake-up from D3, GRST will normally be asserted
only during initial boot. PRST should be asserted following initial boot so that PME context is retained when
transitioning from D3 to D0. For systems that do not require wake-up from D3, GRST should be tied to PRST.
When the SUSPEND mode is enabled, the device is protected from the GRST, and the internal registers are
preserved. All outputs are placed in a high-impedance state, but the contents of the registers are preserved.
PCLK
180
A10
I
PCI bus clock. PCLK provides timing for all transactions on the PCI bus. All PCI signals are sampled at the
rising edge of PCLK.
PRST
166
A14
I
PCI reset. When the PCI bus reset is asserted, PRST causes the PCI1420 to place all output buffers in a
high-impedance state and reset internal registers. When PRST is asserted, the device is completely
nonfunctional. After PRST is deasserted, the PCI1420 is in a default state.
When the SUSPEND mode is enabled, the device is protected from the PRST, and the internal registers are
preserved. All outputs are placed in a high-impedance state, but the contents of the registers are preserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com