Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-335 Datasheet(PDF) 1 Page - Epson ToYoCom

Part # FS-335
Description  SAW RESONATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

FS-335 Datasheet(HTML) 1 Page - Epson ToYoCom

  FS-335 Datasheet HTML 1Page - Epson ToYoCom FS-335 Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Crystal unit
Crystal unit
Crystal unit
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics
)
Specifications
Item
Symbol
NS-32R
FS-335
FS-555
Remark
Nominal frequency range
f_nom
312 MHz to
870 MHz
300 MHz to
870 MHz
230 MHz to
500 MHz
Please contact us regarding available
frequencies
Storage temperature
T_stg
-40
°C to +85 °C
Store as bare product after unpacking
Temperature
range
Operating temperature
T_use
-40
°C to +85 °C
Level of drive
DL
1 mW Typ.
2 mW Typ.
FS-335 : f_nom >500 MHz 0.1 mW Typ.
Frequency tolerance (standard)
f_tol
As per below table
+25
°C
Turnover temperature
Ti
+25
°C±20 °C
+25
°C±15 °C
Please specify
Parabolic coefficient
B
-(1.6
±0.4) × 10-8 / °C2
-(3.4
±0.8) × 10-8 / °C2
Harmonic ratio
RS/R1
2 Min.
Motional resistance (ESR)
R1
As per below table
Frequency aging
f_age
±10 × 10-6 / year Max.
+25
°C
Shock resistance
S.R.
±10 × 10-6 Max.
Nine drops on a concrete surface from 1500 mm
Frequency tolerance / Motional resistance
Model
Item
312 MHz to 500 MHz
500 MHz to 870 MHz
Frequency tolerance (standard)
±50 × 10-6, ±100 × 10-6 *1
±100 × 10-6
NS-32R
Motional resistance (ESR)
30
Ω Max.
Model
Item
230 MHz to 250 MHz
250 MHz to 300 MHz
300 MHz to 500 MHz
500 MHz to 870 MHz
Frequency tolerance (standard)
-
-
±50 × 10-6, ±100 × 10-6*1
±100 × 10-6
FS-335
Motional resistance (ESR)
-
-
25
Ω Max.
40
Ω Max.
Frequency tolerance (standard)
±50 × 10-6, ±100 × 10-6 *1
-
FS-555
Motional resistance (ESR)
40
Ω Max.
25
Ω Max.
-
*1 Please contact us regarding frequency tolerance ( <
±50 × 10-6 )
External dimensions
(Unit:mm)
.
Footprint (Recommended)
(Unit:mm)
FS-335
FS-555
NS-32R
NS-32R/FS-335
#6
#4
0.98 ±0.15
3.8 ±0.15
#1
#3
Pin map
Pin
Connection
1,3,4,6
GND
2,5
IN, OUT
E 129
31224
0.64
1.27
#1
#3
#4
#2
#5
#6
2.54
#2
#5
Pin map
Pin
Connection
3,7
IN, OUT
4,8
N.C.
1,2,5,6
GND
FS-555
1.5 ±0.2
4.8 ±0.2
31224
E 129
1.27
#8
#6
#4
0.8
#7
#3
#2
2.54
#5
#1
#5
#4
#3
#2
#1
#6
#7
#8
#1,#3,#4,#6 are connected to the cover.
#1, #2,#5,#6 are connected to the cover.
NS-32R/FS-335
1.27
2.54
0.9
FS-555
0.95
2.54
3.5
SAW RESONATOR
HIGH-STABILITY
NS - 32R
FS - 335 / FS - 555
•Frequency range
:
230 MHz to 870 MHz
•Thickness
:
0.98 mm Typ.(NS-32R / FS-335)
:
1.50 mm Typ.(FS-555)
•Overtone order
:
Fundamental
•Applications
:
Small wireless equipment
Product Number (please contact us)
NS-32R: Q25NS32R0xxxx00
FS-335: Q25FS3350xxxx00
FS-555: Q25FS5550xxxx00


Similar Part No. - FS-335

ManufacturerPart #DatasheetDescription
logo
Epson Company
FS-335 EPSON-FS-335 Datasheet
392Kb / 2P
SAW RESONATOR For Automotive
More results

Similar Description - FS-335

ManufacturerPart #DatasheetDescription
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
2004-04-20
R31801 ITF-R31801 Datasheet
256Kb / 6P
SAW Resonator
2004-04-20
R40731 ITF-R40731 Datasheet
255Kb / 6P
SAW Resonator
R41751 ITF-R41751 Datasheet
252Kb / 6P
SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
SAW Resonator
2004-04-20
logo
Shenzhen Luguang Electr...
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
SAW resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com