Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI2031 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCI2031
Description  PCI-TO-PCI BRIDGE
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2031 Datasheet(HTML) 1 Page - Texas Instruments

  PCI2031 Datasheet HTML 1Page - Texas Instruments PCI2031 Datasheet HTML 2Page - Texas Instruments PCI2031 Datasheet HTML 3Page - Texas Instruments PCI2031 Datasheet HTML 4Page - Texas Instruments PCI2031 Datasheet HTML 5Page - Texas Instruments PCI2031 Datasheet HTML 6Page - Texas Instruments PCI2031 Datasheet HTML 7Page - Texas Instruments PCI2031 Datasheet HTML 8Page - Texas Instruments PCI2031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
PCI2031
PCI-TO-PCI BRIDGE
SCPS017A – DECEMBER 1997 – REVISED JANUARY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D PCI Power Management Compliant
D ACPI 1.0 Compliant
D Supports PCI Local Bus Specification 2.1
and PCI-to-PCI Bridge Specification 1.0
D 3.3-V Core Logic With Universal PCI
Interfaces Compatible With 3.3-V and 5-V
PCI Signaling Environments
D Supports Two 32-Bit, 33-MHz PCI Buses
D Provides Internal Arbitration for Up to Six
Secondary Bus Masters With
Programmable Control
D Provides Six Secondary PCI Bus Clock
Outputs
D Supports Burst Transfers to Maximize Data
Throughput on Both PCI Buses
D Provides Two Extension Windows
D EEPROM Interface for Loading Texas
Instruments (TI
™) Subsystem ID and
Subsystem Vendor ID
D Four Primary and Four Secondary
General-Purpose I/Os
D Secondary Positive Decode
D Independent Read and Write Buffers for
Each Direction
D Predictable Latency: Compliant With PCI
Local Bus Specification 2.1
D External Arbiter Option
D Provides Concurrent Operation
D Serial IRQ Bridging
D Propagates Bus Locking
D Supports PCI Clock Run
D Secondary Bus Driven Low During Reset
D Docking Connect Detects
D PCI Local Bus Specification 2.0-Compliant
Device Optimization
D Advanced Submicron, Low-Power CMOS
Technology
D Provides VGA/Palette Memory and I/O, and
Subtractive Decoding Options
D Packaged in 176-Pin Plastic Quad Flatpack
Description
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Functional Block Diagram
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Terminal Assignments
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Name/Terminal Number Sort Table
4
. . . . . . . . . . . . . . . . . .
Terminal Functions
5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Architecture
10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Introduction to the PCI2031
10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PCI Commands
12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Typical Applications
21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Bridge Configuration Header
22
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Extension Registers
38
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Absolute Maximum Ratings
65
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions
65
. . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions for PCI Interface
65
. . . . . . . .
Electrical Characteristics
66
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PCI Clock/Reset Timing Requirements
66
. . . . . . . . . . . . . . . . . . . . . .
PCI Timing Requirements
66
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Parameter Measurement Information
67
. . . . . . . . . . . . . . . . . . . . . . . .
PCI Bus Parameter Measurement Information
68
. . . . . . . . . . . . . . . .
Mechanical Data
69
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Table of Contents
Copyright
© 1998, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - PCI2031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2030 TI-PCI2030 Datasheet
213Kb / 14P
PCI-TO-PCI BRI
More results

Similar Description - PCI2031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2050 TI-PCI2050 Datasheet
335Kb / 81P
PCI-TO-PCI BRIDGE
PCI2250 TI-PCI2250 Datasheet
343Kb / 85P
PCI-TO-PCI BRIDGE
PCI2050B TI-PCI2050B Datasheet
410Kb / 87P
PCI-TO-PCI BRIDGE
logo
Intel Corporation
21150 INTEL-21150 Datasheet
1Mb / 164P
PCI-to-PCI Bridge
21152 INTEL-21152 Datasheet
1Mb / 148P
PCI-to-PCI Bridge
FW21154AE INTEL-FW21154AE Datasheet
345Kb / 36P
PCI-to-PCI Bridge
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI1-PCI2050B_17 Datasheet
445Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI-PCI2050B_V01 Datasheet
511Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI-PCI2050B_V02 Datasheet
512Kb / 88P
PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com