Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC-8564JE Datasheet(PDF) 1 Page - Epson ToYoCom

Part # RTC-8564JE
Description  I2C-Bus INTERFACE REAL TIME CLOCK MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

RTC-8564JE Datasheet(HTML) 1 Page - Epson ToYoCom

  RTC-8564JE Datasheet HTML 1Page - Epson ToYoCom RTC-8564JE Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Real time clock module
Real time clock module
Real time clock module
Real time clock module
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Block diagram
Overview
Control 1
Seconds
Minutes
Hours
Days
Month / Century
Control 2
Weekdays
Years
Minutes Alarm
Hour Alarm
Day Alarm
Weekday Alarm
Timer Control
CLKOUT frequency
Timer
00
0F
OUTPUT
CONTROL
CONTROL
LOGIC
POR
OSC
32.768 kHz
CRYSTAL
CLKOUT
CLKOE
DIVIDER
Voltage Detector
ADDRESS
REGISTER
I
2C-BUS
INTERFACE
/ INT
SCL
SDA
•••• Interface Type
•I
2C-Bus Interface. ( Hi-speed bus specifications 400 kHz )
∗ I
2C-Bus slave address : read A3h and write A2h
•••• Low Timekeeper voltage range
•1.0 V to 5.5 V / Ta = -20
°C to +70 °C
•1.1 V to 5.5 V / Ta = -40
°C to +85 °C
•••• 32.768 kHz frequency output function
•CLKOUT pin output (C-MOS output ), CL=30 pF
•CLKOE pin enables output on/off control.
•Output selectable
<32.768 kHz, 1024 Hz, 32 Hz, 1 Hz>
•••• The various interrupt function
•Timer function can be set up between 1/4096 second and
255 minutes.
• Alarm function can be set to any combination of day of
week, hour, or minute.
∗∗∗∗ Functions are compatible with RX-8564 LC series.
Pin Function
Terminal connection / External dimensions
(Unit
׃
mm)
Signal Name Input/Output
Function
SCL
Input
Serial clock input pin.
SDA
Bi-directional Data input and output pin.
CLKOUT
Output
CLKOE
Input
32.768 kHz clock output pin with the
output control function. (C-MOS)
CLKOE pin control the condition of
CLKOUT with FE-bit, etc.
CLKOE pin
input
FE
bit
CLKOUT pin
output
1
Output
( C-MOS )
HIGH
0
OFF
( LOW )
1
OFF
( LOW )
LOW
0
OFF
( LOW )
/INT
Output
Interrupt output ( N-ch open drain )
VDD
-
Connected to a positive power supply.
GND
-
Connected to a ground.
RTC
− 8564 JE
1. N.C.
20. N.C.
2. N.C.
19. N.C.
3. CLKOE
18. N.C.
4. VDD
17. N.C.
5. CLKOUT
16. N.C.
6. SCL
15. N.C.
7. SDA
14. N.C.
8. ( GND )
13. N.C.
9. GND
12. N.C.
10. / INT
1.5 Max.
5.4
6.0 ± 0.2
11. N.C.
VSOJ − 20 pin
RTC
− 8564 NB
1. / INT
22. N.C.
2. GND
21. N.C.
3. ( GND )
20. N.C.
4. N.C.
19. N.C.
5. SDA
18. N.C.
6. SCL
17. N.C.
7. CLKOUT
16. N.C.
8. VDD
15. N.C.
9. CLKOE
14. N.C.
10. N.C.
13.
−
11. N.C.
4.8
5.0 ± 0.2
1.3 ± 0.1
12.
−
SON − 22 pin
Metal may be exposed on the top or bottom of this product. This w ill not affect any quality , reliability or electrical spec.
Specifications (characteristics)
∗ Refer to application manual for details.
!
!
!
! Recommended Operating Conditions
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Power voltage
VDD
-
1.8
3.0
5.5
V
Clock voltage
VCLK
-
VLOW
3.0
5.5
V
Operating
temperature
TOPR
-
-40
+25
+85
°C
!
!
!
! Low voltage detection
Item
Symbol
Condition
Typ.
Max.
Unit
Ta = -20
°C ∼ +70 °C
0.9
1.0
V
Low voltage
detection
VLOW
Ta = -40
°C ∼ +85 °C
0.9
1.1
V
!
!
!
! Frequency characteristics
Item
Symbol
Condition
Rating
Unit
Frequency
tolerance
∆ f / f
Ta = +25
°C
VDD = 3.0 V
5
± 23 *
× 10−
6
* Please ask for tighter tolerance. (Equivalent to 1 minute of monthly deviation)
!
!
!
! Current consumption characteristics
Ta =
−40 °C to +85 °C
Item
Symbol
Condition
Min.
Typ. Max. Unit
VDD
= 5 V
330
800
IBK
fSCL = 0 Hz
CLKOE = GND
CLKOUT ;
output OFF ( LOW )
VDD
= 3 V
275
700
nA
VDD
= 5 V
2.5
3.4
Current
Consumtion
I32k
fSCL = 0 Hz
CLKOE = VDD
CLKOUT ;
32.768 kHz output ON
(Output=OPEN ;
CL = 0 pF)
VDD
= 3 V
1.5
2.2
µA
RTC-8564JE
RTC-8564NB
Low current consumption
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RTC - 8564 JE / NB
•Built in frequency adjusted 32.768 kHz crystal unit.
•Interface Type
׃
I2C-Bus Interface (400 kHz)
•Operating voltage range
׃
1.8 V to 5.5 V
•Timekeeper voltage range
׃
1.0 V to 5.5 V / -20
°C to +70 °C
•Low backup current
׃
275 nA / 3.0 V(Typ.)
•32.768 kHz frequency output function
׃
C-MOS output With Control Pin
•The various functions include full calendar, alarm, timer,
and power supply voltage monitoring function
* The I
2C-Bus is a trademark of NXP Semiconductors
Product Number (Please contact us)
RTC-8564JE : Q41856471000100
RTC-8564NB : Q41856491000200


Similar Part No. - RTC-8564JE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTC-8564JE ETC-RTC-8564JE Datasheet
115Kb / 2P
I2C-BUS INTERFACE REAL TIME CLOCK MODULE
logo
Epson Company
RTC-8564JE EPSON-RTC-8564JE Datasheet
298Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RTC-8564JE EPSON-RTC-8564JE Datasheet
298Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
More results

Similar Description - RTC-8564JE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTC-8564JE ETC-RTC-8564JE Datasheet
115Kb / 2P
I2C-BUS INTERFACE REAL TIME CLOCK MODULE
logo
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8564LC EPSONTOYOCOM-RX-8564LC Datasheet
291Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8571SA EPSONTOYOCOM-RX-8571SA Datasheet
440Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8731LC EPSONTOYOCOM-RX-8731LC Datasheet
292Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8801SA EPSONTOYOCOM-RX-8801SA Datasheet
384Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RA-8565SA EPSONTOYOCOM-RA-8565SA Datasheet
315Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RA-8581SA EPSONTOYOCOM-RA-8581SA Datasheet
336Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
logo
uPI Group Inc.
UC1009 UPI-UC1009 Datasheet
468Kb / 37P
I2C-Bus Interface Real-Time Clock Module
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
I2C-Bus Interface Real-Time Clock Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com