Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI2050 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCI2050
Description  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 17Page - Texas Instruments PCI2050 Datasheet HTML 18Page - Texas Instruments PCI2050 Datasheet HTML 19Page - Texas Instruments PCI2050 Datasheet HTML 20Page - Texas Instruments PCI2050 Datasheet HTML 21Page - Texas Instruments PCI2050 Datasheet HTML 22Page - Texas Instruments PCI2050 Datasheet HTML 23Page - Texas Instruments PCI2050 Datasheet HTML 24Page - Texas Instruments PCI2050 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
2–9
Table 2–7. Secondary PCI System
TERMINAL
NAME
PDV
NO.
GHK
NO.
I/O
DESCRIPTION
S_CLKOUT9
S_CLKOUT8
S_CLKOUT7
S_CLKOUT6
S_CLKOUT5
S_CLKOUT4
S_CLKOUT3
S_CLKOUT2
S_CLKOUT1
S_CLKOUT0
42
41
39
38
36
35
33
32
30
29
N6
N3
N1
M5
M3
M2
L5
L6
L2
L1
O
Secondary PCI bus clocks. Provide timing for all transactions on the secondary PCI bus. Each
secondary bus device samples all secondary PCI signals at the rising edge of its corresponding
S_CLKOUT input.
S_CLK
21
J3
I
Secondary PCI bus clock input. This input syncronizes the PCI2050 to the secondary bus clocks.
S_CFN
23
J6
I
Secondary external arbiter enable. When this signal is high, the secondary external arbiter is enabled.
When the external arbiter is enabled, the PCI2050 S_REQ0 pin is reconfigured as a secondary bus
grant input to the bridge and S_GNT0 is reconfigured as a secondary bus master request to the
external arbiter on the secondary bus.
S_RST
22
J5
O
Secondary PCI reset. S_RST is a logical OR of P_RST and the state of the secondary bus reset bit
(bit 6) of the bridge control register (offset 3Eh, see Section 4.32). S_RST is asynchronous with
respect to the state of the secondary interface CLK signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com