Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR361 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR361
Description  HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR361 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR361 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 6, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
Schematic
NOTES
(1)
OCL measured at .25VRMS, 1kHz.
(2)
Rated Current tested at .25VRMS, 1kHz
(3)
All materials are rated at 200ºC
(4)
Electrical Specifications at 25°C
(5)
DR361-2-XXX denotes vertical design. DR361-1-XXX
denotes horizontal design
(6)
All dimensions are shown in
inches “in”. General tolerance is ±0.010in, unless
otherwise specified.
(7)
For non-RoHS parts parts replace DR prefix
with 42- (e.g. DR361 becomes 42-361)
(8)
Terminal finish is compliant to RoHS
requirements
.
DR 361 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
Features
Low EMI
High Current Capacity
Operating Temp. -55°C to +200°C
Horizontal or Vertical mount
(Note 5)
Tinned Leads with Leaded Solder is Available
(note 7)
Part
Number
L(µH)
±15% (1)
L(µH)±15
%
@ I rated
(2)
Idc
(A)
DCR (Ω)
(MAX)
Dim.
A
Nom.
Dim.
B
Nom.
Dim.
C
Nom.
DR361-X-122
DR361-X-182
DR361-X-222
DR361-X-332
DR361-X-392
1.2
1.8
2.2
3.3
3.9
1.0
1.5
1.8
2.7
3.1
23.8
21.8
20.1
18.8
17.8
0.003
0.004
0.005
0.005
0.006
0.46
0.46
0.46
0.46
0.46
0.88
0.88
0.88
0.88
0.88
0.053
0.053
0.053
0.053
0.053
DR361-X-472
DR361-X-562
DR361-X-682
DR361-X-822
DR361-X-103
4.7
5.6
6.8
8.2
10
3.7
4.4
5.2
6.2
7.9
16.9
16.1
15.7
15.1
11.2
0.006
0.007
0.007
0.008
0.014
0.46
0.46
0.46
0.46
0.46
0.88
0.88
0.88
0.88
0.88
0.053
0.053
0.053
0.053
0.053
DR361-X-123
DR361-X-153
DR361-X-183
DR361-X-223
DR361-X-273
12
15
18
22
27
9.4
11.5
13.6
16.3
19.7
10.9
10.3
9.7
9.3
8.9
0.015
0.017
0.018
0.020
0.022
0.46
0.46
0.46
0.45
0.45
0.88
0.88
0.88
0.87
0.87
0.053
0.053
0.053
0.042
0.042
DR361-X-333
DR361-X-393
DR361-X-473
DR361-X-563
DR361-X-683
33
39
47
56
68
23.5
27.4
34.9
40.9
48.8
8.4
8.1
6.4
6.1
5.8
0.025
0.026
0.042
0.046
0.050
0.45
0.45
0.44
0.44
0.44
0.87
0.87
0.86
0.86
0.86
0.042
0.042
0.034
0.034
0.034
DR361-X-823
DR361-X-104
DR361-X-124
DR361-X-154
DR361-X-184
82
100
120
150
180
57.6
68.9
80.8
98.4
115.6
5.6
5.3
5.0
4.8
4.6
0.055
0.061
0.067
0.075
0.082
0.48
0.48
0.48
0.48
0.48
0.90
0.90
0.90
0.90
0.90
0.034
0.034
0.034
0.034
0.034
DR361-X-224
DR361-X-274
DR361-X-334
DR361-X-394
DR361-X-474
220
270
330
390
470
137.5
184.8
220.7
255.2
300.5
4.3
3.3
3.1
3.0
2.8
0.091
0.16
0.18
0.19
0.21
0.48
0.46
0.46
0.46
0.49
0.90
0.88
0.88
0.88
0.91
0.034
0.027
0.027
0.027
0.027
DR361-X-564
DR361-X-684
DR361-X-824
DR361-X-105
560
680
820
1000
350.3
414.8
548.5
653.1
2.7
2.6
2.0
1.9
0.23
0.27
0.44
0.49
0.49
0.49
0.49
0.49
0.91
0.91
0.91
0.91
0.027
0.027
0.022
0.022
C
A
B
C
Vertical
DR361-2-XXX
Horizontal
DR361-1-XXX
0.55
MAX
0.55
MAX
0.95
MAX
0.95
MAX


Similar Part No. - DR361

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR361-X-103 DATATRONICS-DR361-X-103 Datasheet
119Kb / 1P
DR 361 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR361-X-104 DATATRONICS-DR361-X-104 Datasheet
119Kb / 1P
DR 361 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR361-X-105 DATATRONICS-DR361-X-105 Datasheet
119Kb / 1P
DR 361 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR361-X-122 DATATRONICS-DR361-X-122 Datasheet
119Kb / 1P
DR 361 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR361-X-123 DATATRONICS-DR361-X-123 Datasheet
119Kb / 1P
DR 361 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
More results

Similar Description - DR361

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR360 DATATRONICS-DR360 Datasheet
133Kb / 1P
HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR362 DATATRONICS-DR362 Datasheet
144Kb / 1P
HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
logo
Bourns Electronic Solut...
2300HT-331-H-RC BOURNS-2300HT-331-H-RC Datasheet
106Kb / 1P
High Temperature, High Current Toroid Inductors
2200HT-1R2-RC BOURNS-2200HT-1R2-RC Datasheet
112Kb / 1P
High Temperature, High Current Toroid Inductors
2300HT-1R2-RC BOURNS-2300HT-1R2-RC Datasheet
106Kb / 1P
High Temperature, High Current Toroid Inductors
logo
Datatronic Distribution...
DR360 DATATRONICS-DR360_14 Datasheet
138Kb / 1P
DR360 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR361 DATATRONICS-DR361_14 Datasheet
119Kb / 1P
DR 361 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR362 DATATRONICS-DR362_14 Datasheet
149Kb / 1P
DR362 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
logo
MPS Industries, Inc.
P11T60 MPSIND-P11T60 Datasheet
302Kb / 2P
HIGH CURRENT TOROID INDUCTORS HIGH TEMPERATURE, CLASS H
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
345Kb / 5P
High Current Inductors
09-Dec-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com