Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT3321 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT3321
Description  30 WATT ISOLATED DC/DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT3321 Datasheet(HTML) 2 Page - Texas Instruments

  PT3321 Datasheet HTML 1Page - Texas Instruments PT3321 Datasheet HTML 2Page - Texas Instruments PT3321 Datasheet HTML 3Page - Texas Instruments PT3321 Datasheet HTML 4Page - Texas Instruments PT3321 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
Note 1:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the DC-DC Converter.
PT3322, 5.0 VDC (See Note 1)
PT3323, 12.0 VDC (See Note 1)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT3321, 3.3 VDC (See Note 1)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Series
PT3320
CHARACTERISTIC
DA T A
40
50
60
70
80
90
02
46
8
36.0V
48.0V
60.0V
75.0V
40
50
60
70
80
90
01
234
56
36.0V
48.0V
60.0V
75.0V
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
36.0V
48.0V
60.0V
75.0V
Vin
Vin
Vin
0
10
20
30
40
024
68
36.0V
48.0V
60.0V
75.0V
0
2
4
6
8
024
68
36.0V
48.0V
60.0V
75.0V
Vin
Vin
0
10
20
30
40
50
01
234
5
6
36.0V
48.0V
60.0V
75.0V
Vin
0
1
2
3
4
5
6
7
0123
456
36.0V
48.0V
60.0V
75.0V
Vin
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
36.0V
48.0V
60.0V
75.0V
Vin
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
36.0V
48.0V
60.0V
75.0V
Vin
Safe Operating Area (@Vin=48V)
Safe Operating Area (@Vin=48V)
Safe Operating Area (@Vin=48V)
Iout (A)
Iout (A)
Iout (A)
20
30
40
50
60
70
80
90
02
4
6
8
Nat conv
6 0LF M
1 20L FM
2 00L FM
20
30
40
50
60
70
80
90
01
234
56
Nat conv
6 0LF M
1 20L FM
2 00L FM
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
Nat conv
60 LF M
12 0L FM
20 0L FM
Airflow
Airflow
Airflow



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com