Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP37EP Datasheet(PDF) 7 Page - Texas Instruments

Part # OP37EP
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button OP37EP Datasheet HTML 3Page - Texas Instruments OP37EP Datasheet HTML 4Page - Texas Instruments OP37EP Datasheet HTML 5Page - Texas Instruments OP37EP Datasheet HTML 6Page - Texas Instruments OP37EP Datasheet HTML 7Page - Texas Instruments OP37EP Datasheet HTML 8Page - Texas Instruments OP37EP Datasheet HTML 9Page - Texas Instruments OP37EP Datasheet HTML 10Page - Texas Instruments OP37EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Temperature
1
∆VIO
Change in input offset voltage
vs Time after power on
vs Time (long-term drift)
2
3
IIO
Input offset current
vs Temperature
4
IIB
Input bias current
vs Temperature
5
VICR
Common-mode input voltage range
vs Supply voltage
6
VOM
Maximum peak output voltage
vs Load resistance
7
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
8, 9
AVD
Differential voltage amplification
vs Supply voltage
vs Load resistance
vs Frequency
10
11
12, 13, 14
CMRR
Common-mode rejection ratio
vs Frequency
15
kSVR
Supply voltage rejection ratio
vs Frequency
16
SR
Slew rate
vs Temperature
vs Supply voltage
vs Load resistance
17
18
19
φm
Phase margin
vs Temperature
20, 21
φ
Phase shift
vs Frequency
12, 13
Vn
Equivalent input noise voltage
vs Bandwidth
vs Source resistance
vs Supply voltage
vs Temperature
vs Frequency
22
23
24
25
26
In
Equivalent input noise current
vs Frequency
27
Gain-bandwidth product
vs Temperature
20, 21
IOS
Short-circuit output current
vs Time
28
ICC
Supply current
vs Supply voltage
29
Pulse response
Small signal
Large signal
30, 32
31, 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com