Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F16-100VIP Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN25F16-100VIP
Description  16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F16-100VIP Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN25F16-100VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F16-100VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
6
EN25F16
Rev. C, Issue Date: 2008/06/23
255
0FF000h
0FFFFFh
15
240
0F0000h
0F0FFFh
239
0EF000h
0EFFFFh
14
224
0E0000h
0E0FFFh
223
0DF000h
0DFFFFh
13
208
0D0000h
0D0FFFh
207
0CF000h
0CFFFFh
12
192
0C0000h
0C0FFFh
191
0BF000h
0BFFFFh
11
176
0B0000h
0B0FFFh
175
0AF000h
0AFFFFh
10
160
0A0000h
0A0FFFh
159
09F000h
09FFFFh
9
144
090000h
090FFFh
143
08F000h
08FFFFh
8
128
080000h
080FFFh
127
07F000h
07FFFFh
7
112
070000h
070FFFh
111
06F000h
06FFFFh
6
96
060000h
060FFFh
95
05F000h
05FFFFh
5
80
050000h
050FFFh
79
04F000h
04FFFFh
4
64
040000h
040FFFh
63
03F000h
03FFFFh
3
48
030000h
030FFFh
47
02F000h
02FFFFh
2
32
020000h
020FFFh
31
01F000h
01FFFFh
1
16
010000h
010FFFh
15
00F000h
00FFFFh
4
004000h
004FFFh
3
003000h
003FFFh
2
002000h
002FFFh
1
001000h
001FFFh
0
0
000000h
000FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com