Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F16-75VIP Datasheet(PDF) 13 Page - Eon Silicon Solution Inc.

Part # EN25F16-75VIP
Description  16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F16-75VIP Datasheet(HTML) 13 Page - Eon Silicon Solution Inc.

Back Button EN25F16-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
13
EN25F16
Rev. C, Issue Date: 2008/06/23
The status and control bits of the Status Register are as follows:
WIP bit. The Write In Progress (WIP) bit indicates whether the memory is busy with a Write Status
Register, Program or Erase cycle. When set to 1, such a cycle is in progress, when reset to 0 no
such cycle is in progress.
WEL bit. The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
When set to 1 the internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is
reset and no Write Status Register, Program or Erase instruction is accepted.
BP2, BP1, BP0 bits. The Block Protect (BP2, BP1, BP0) bits are non-volatile. They define the size
of the area to be software protected against Program and Erase instructions. These bits are written
with the Write Status Register (WRSR) instruction. When one or both of the Block Protect (BP2, BP1,
BP0) bits is set to 1, the relevant memory area (as defined in Table 3.) becomes protected against
Page Program (PP) Sector Erase (SE) and , Block Erase (BE), instructions. The Block Protect (BP2,
BP1, BP0) bits can be written provided that the Hardware Protected mode has not been set. The
Chip Erase (CE) instruction is executed if, and only if, both Block Protect (BP2, BP1, BP0) bits are 0.
Reserved bit. Status register bit locations 5 and 6 are reserved for future use. Current devices will
read 0 for these bit locations. It is recommended to mask out the reserved bit when testing the
Status Register. Doing this will ensure compatibility with future devices.
SRP bit / OTP_LOCK bit. The Status Register Protect (SRP) bit is operated in conjunction with the
Write Protect (WP#) signal. The Status Register Write Protect (SRP) bit and Write Protect (WP#)
signal allow the device to be put in the Hardware Protected mode (when the Status Register Protect
(SRP) bit is set to 1, and Write Protect (WP#) is driven Low). In this mode, the non-volatile bits of the
Status Register (SRP, BP2, BP1, BP0) become read-only bits and the Write Status Register (WRSR)
instruction is no longer accepted for execution.
In OTP mode, this bit is served as OTP_LOCK bit, user can read/program/erase OTP sector as
normal sector while OTP_LOCK value is equal 0, after OTP_LOCK is programmed with 1 by WRSR
command, the OTP sector is protected from program and erase operation. The OTP_LOCK bit can
only be programmed once.
Note : In OTP mode, the WRSR command will ignore any input data and program OTP_LOCK bit to
1, user must clear the protect bits before enter OTP mode and program the OTP code, then execute
WRSR command to lock the OTP sector before leaving OTP mode.
Write Status Register (WRSR) (01h)
The Write Status Register (WRSR) instruction allows new values to be written to the Status Register.
Before it can be accepted, a Write Enable (WREN) instruction must previously have been executed.
After the Write Enable (WREN) instruction has been decoded and executed, the device sets the
Write Enable Latch (WEL).
The Write Status Register (WRSR) instruction is entered by driving Chip Select (CS#) Low, followed
by the instruction code and the data byte on Serial Data Input (DI).
The instruction sequence is shown in Figure 8.. The Write Status Register (WRSR) instruction has
no effect on S6, S5, S1 and S0 of the Status Register. S6 and S5 are always read as 0. Chip Select
(CS#) must be driven High after the eighth bit of the data byte has been latched in. If not, the Write
Status Register (WRSR) instruction is not executed. As soon as Chip Select (CS#) is driven High,
the self-timed Write Status Register cycle (whose duration is tW) is initiated. While the Write Status
Register cycle is in progress, the Status Register may still be read to check the value of the Write In
Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Write Status Register
cycle, and is 0 when it is completed. When the cycle is completed, the Write Enable Latch (WEL) is
reset.
The Write Status Register (WRSR) instruction allows the user to change the values of the Block
Protect (BP2, BP1, BP0) bits, to define the size of the area that is to be treated as read-only, as de-
fined in Table 3.. The Write Status Register (WRSR) instruction also allows the user to set or reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com