Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD565-1 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # HD565-1
Description  HDSL Line Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

HD565-1 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  HD565-1 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
April 4, 2006
DATATRONICS
:
28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 129
All specifications are subject to change without notice.
HD565 Series HDSL Line Transformers
Features
Excellent Total Harmonic Distortion (THD) Performance
Low leakage inductance and return loss
High line isolation voltage
Designed for use with a variety of specific transceiver chips to provide 2B1Q coded data transmission
ELECTRICAL SPECIFICATIONS AT 25
°C
Part
Number
Turns Ratio
Chip : Line
OCL
Primary
(mH
±6%)
Leakage
Inductance
(
µH MAX)
DCR (
Ω) MAX
Chip side
Line side
Data
Rate
(Kb/s)
Chip set
HD565-1
2CT:1:1
3.0
20
4.4(2-4) 2.2(6-7, 8-9)
784
Brooktree BT8952
HD566-1
2CT:1:1
2.0
20
4.4(2-4) 2.2(6-7, 8-9)
1168
Brooktree BT8952
HD567-1
1CT:1:1
3.0
20
2.2(2-4) 2.2(6-7, 8-9)
784
Brooktree BT8921
HD568-1
1CT:1:1
2.0
20
2.2(2-4) 2.2(6-7, 8-9)
1168
Brooktree BT8921
HD569-1
1CT:1.8CTS
2.75
20
3.2(2-4) 3.0(6-8, 8-10)
784
LEVEL ONE SK70704
HD570-1
1CT:1.8CTS
2.06
20
2.0(2-4) 2.0(6-7, 9-10)
1168 LEVEL ONE SK70704
Part
Number
Return Loss
(dB) MIN
Longitudinal Balance
(dB) Typ
DC Bias
(mA)
THD
(dB) Typ
Dielectric
Strength
(V) MIN
HD565-1
18.0 @40-200kHz
69 @30kHz 63 @196kHz
160
-74 @100kHz
1500
HD566-1
16.5 @40-320kHz
77 @30kHz 63 @292kHz
160
-74 @100kHz
1500
HD567-1
18.0 @40-200kHz
68 @30kHz 56 @196kHz
80
-74 @100kHz
1500
HD568-1
16.5 @40-320kHz
75 @30kHz 62 @292kHz
80
-74 @100kHz
1500
HD569-1
18.0 @40-200kHz
60 @30kHz 48 @196kHz
80
-75 @5kHz
1500
HD570-1
16.5 @40-320kHz
60 @30kHz 48 @292kHz
80
-74 @5kHz
1500
OUTLINE DIMENSIONS
2
3
4
8
7
6
9
2
3
4
8
6
10
2
3
4
9
7
6
10
HD 565-1, HD 566-1
HD567-1, HD 568-1
HD 569-1
HD 570-1
SCHEMATIC
For non-RoHS parts consult factory for special part numbers.


Similar Part No. - HD565-1

ManufacturerPart #DatasheetDescription
logo
Power-One
HD5-12 POWER-ONE-HD5-12 Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
logo
SL Power Electronics
HD5-12-OV-A+ SLPOWER-HD5-12-OV-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
HD5-12-OV-A+G SLPOWER-HD5-12-OV-A+G Datasheet
374Kb / 7P
DC Power Supplies
logo
NTE Electronics
HD5.6M25 NTE-HD5.6M25 Datasheet
14Kb / 1P
HIGH-FREQ ALUMINUM ELECTROLYTIC
HD5.6M50 NTE-HD5.6M50 Datasheet
14Kb / 1P
HIGH-FREQ ALUMINUM ELECTROLYTIC
More results

Similar Description - HD565-1

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6778 FILTRAN-6778 Datasheet
161Kb / 1P
HDSL Line Transformer
logo
EPCOS
B78421P1457A005 EPCOS-B78421P1457A005 Datasheet
58Kb / 2P
xDSL Transformers HDSL Interface
logo
Bi technologies
HT81 BITECH-HT81 Datasheet
118Kb / 5P
HDSL, HDSL2 Coupling Transformers
logo
TALEMA Group. LLC
HPT-100A TALEMA-HPT-100A Datasheet
26Kb / 1P
HDSL Transformers
logo
Datatronic Distribution...
PT31101 DATATRONICS-PT31101 Datasheet
99Kb / 3P
POT23/11 HDSL Broadband Transformers
logo
Bothhand USA, LP.
HD-5624 BOTHHAND-HD-5624 Datasheet
277Kb / 1P
HDSL LINE TRANSFORMER
HD-8622 BOTHHAND-HD-8622 Datasheet
72Kb / 1P
HDSL TRANSFORMERS
logo
Coilcraft lnc.
HD6788 COILCRAFT-HD6788 Datasheet
110Kb / 2P
HDSL Transformers
logo
Rhombus Industries Inc.
BT8921 RHOMBUS-IND-BT8921_99 Datasheet
45Kb / 1P
HDSL Line Interface Transformers
logo
Coilcraft lnc.
HD6788 COILCRAFT-HD6788_13 Datasheet
220Kb / 2P
HDSL Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com