Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25LF20-75VIP Datasheet(PDF) 4 Page - Eon Silicon Solution Inc.

Part # EN25LF20-75VIP
Description  2 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25LF20-75VIP Datasheet(HTML) 4 Page - Eon Silicon Solution Inc.

  EN25LF20-75VIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
4
EN25LF20
Rev. B, Issue Date: 2008/06/23
MEMORY ORGANIZATION
The memory is organized as:
262,144 bytes
Uniform Sector Architecture
4 blocks of 64-Kbyte
64 sectors of 4-Kbyte
1024 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector,
Block or Chip Erasable but not Page Erasable.
Table 2. Uniform Block Sector Architecture
Block
Sector
Address range
63
03F000h
03FFFFh
62
03E000h
03EFFFh
61
03D000h
03DFFFh
60
03C000h
03CFFFh
59
03B000h
03BFFFh
3
48
030000h
030FFFh
47
02F000h
02FFFFh
2
32
020000h
020FFFh
31
01F000h
01FFFFh
1
16
010000h
010FFFh
15
00F000h
00FFFFh
4
004000h
004FFFh
3
003000h
003FFFh
2
002000h
002FFFh
1
001000h
001FFFh
0
0
000000h
000FFFh
OPERATING FEATURES
SPI Modes
The EN25LF20 is accessed through an SPI compatible bus consisting of four signals: Serial Clock
(CLK), Chip Select (CS#), Serial Data Input (DI) and Serial Data Output (DO). Both SPI bus
operation Modes 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0 and
Mode 3, as shown in Figure 3, concerns the normal state of the CLK signal when the SPI bus
master is in standby and data is not being transferred to the Serial Flash. For Mode 0 the CLK signal
is normally low. For Mode 3 the CLK signal is normally high. In either case data input on the DI pin is
sampled on the rising edge of the CLK. Data output on the DO pin is clocked out on the falling edge
of CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com