Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT4205C Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4205C
Description  3-7 WATT 24V INPUT ISOLATED DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4205C Datasheet(HTML) 1 Page - Texas Instruments

  PT4205C Datasheet HTML 1Page - Texas Instruments PT4205C Datasheet HTML 2Page - Texas Instruments PT4205C Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For assistance or to order, call (800) 531-5782
60
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
Application Notes
Mechanical Outline
Product Selector Guide
Revised 5/15/98
PT4205
3-7 WATT 24V INPUT
ISOLATED DC-DC CONVERTER
Ordering Information
Through-Hole
PT4205A = 3.3V/1.8A
PT4206A = 5V/1.2A
Surface Mount
PT4205C = 3.3V/1.8A
PT4206C = 5V/1.2A
Pin-Out Information
Pin
Function
1Vout
2Vout return
3
Do not connect
4
Do not connect
5
Do not connect
6
Do not connect
7
Sync input
8*
Vadj
9*
Nominal output
voltage resistor
10
Turn-on/off input
voltage adjust
11
Remote on/off
12
Do not connect
13
Do not connect
14
Do not connect
15
Do not connect
16
Do not connect
17
+Vin
18
-Vin
* Please note that when the
Vout adjust is not used, pin 8
must be connected to pin 9.
• Wide Input Voltage Range:
18V to 36V
• 84% Efficiency
• 1,500 VDC Isolation
• 18 Pin - DIP Package
• 3.5 Million Hour MTBF
• Meets FCC/EN55022 Class A
• UL and CSA approved
• No External Components Required
• Adjustable Output Voltage
Power Trends’ PT4205 series of isolated DC to
DC converters advance the state-of-the-art for board-
mounted converters by employing high switching
frequencies, thick-film technology and a high degree
of silicon integration. The high reliability and very low
package height makes these converters ideal for
Telecom and Datacom applications requiring input-
to-output isolation with board spacing down to 0.6”.
The PT4205 series is offered in a unique molded
through-hole or SMD-DIP package with single
output voltages of 3.3V and 5V.
Series
(For dimensions and PC
board layout, see Package
Style 900.)
Specifications
Characteristics
PT4205 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo = 3.3V
0
—
1.8
A
Vo = 5V
0
—
1.2
A
Current Limit
Icl
Vin = 24V
Vo = 3.3V
2.0
—
3.0
A
Vo = 5V
1.3
1.6
2.4
A
On/Off Standby Current
Iin standby
Vin = 24V, Pin 11 = -Vin
—
0.5
—
mA
Short Circuit Current
Isc
Vin = 24V
Vo = 3.3V
—
2.5
—
A
Vo = 5V
—
2.0
—
A
Inrush Current
Iir
Vin = 24V @ max Io
—
0.6
1.0
A
tir
On start-up
—
1.0
2.0
mSec
Input Voltage Range
Vin
Over Io Range
18**
24
36
V
Output Voltage Tolerance
∆Vo
Over Io Range
—
±4
—
%Vo
Idling Voltage
Vo
Io = 0A
Vo = 3.3V
—
3.65
4.0
V
Vo = 5V
—
5.6
6.0
V
Ripple Rejection
RR
Over Vin range @ 120 Hz
—
60
—
dB
Line Regulation
Regline
Over Vin range @ max Io
—
±0.5
—
%Vo
Load Regulation
Regload
10% to 100% of Io max
—
±3
—
%Vo
Vo Ripple/Noise
Vn
Vin=24V, Io=Io max
—
30
70
mVpp
Transient Response
ttr
50% load change
—
100
300
µSec
Vo over/undershoot
—
3.0
5.0
%Vo
Efficiency
η
Vin=24V, Io=1.8A, Vo=3.3V
—
79
—
%
Vin=24V, Io=1.2A, Vo=5V
—
84
—
%
Switching Frequency
ƒo
Over Vin and Io
520
—
688
kHz
Pin Temperature
Tp
@ Pin 1
—
—
+95
°C
Operating Temperature
Ta
Vin = 24V @ max Io
-40
—
+85
°C
Free air convection, (40-60LFM)
Storage Temperature
Ts
—
-55
—
+125
°C
Mechanical Shock
—
Per Mil-STD-202F, Method 213B,
—50
—
G’s
6mS, half-sine, mounted to a PCB
Mechanical Vibration
—
Per Mil-STD-202F, Method 204D,
—10
—
G’s
10-500Hz, mounted to a PCB
Weight
—
—
—
20
—
grams
Isolation
—
—
1500
—
—
VDC
Flammability
—
Materials meet UL 94V-0
** Minimum input voltage is adjustable - See application note.
Standard Application
PT4205
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
-Vin
+Vin
NC
RC
TOA
+Vout
-Vout
NC
S y nc
Vad j
NOR


Similar Part No. - PT4205C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4205C TI1-PT4205C Datasheet
190Kb / 4P
1,500 VDC Isolation
More results

Similar Description - PT4205C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3100-24V TI-PT3100-24V Datasheet
180Kb / 3P
15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT4100-24V TI-PT4100-24V Datasheet
179Kb / 3P
15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT4200 TI-PT4200 Datasheet
215Kb / 3P
3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4240 TI-PT4240 Datasheet
174Kb / 7P
10-W Low-Profile 24V-Input Isolated DC/DC Converter
PT4212 TI-PT4212 Datasheet
211Kb / 5P
5-7 Watt Low-Profile Isolated DC-DC Converter
PT4200 TI1-PT4200 Datasheet
213Kb / 4P
3-7 Watt 48V-Input Isolated DC/DC Converter
PT4210 TI1-PT4210 Datasheet
424Kb / 6P
5-7 Watt Low-Profile Isolated DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CHB200W12 CINCON-CHB200W12 Datasheet
749Kb / 8P
200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com