Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP37AFK Datasheet(PDF) 2 Page - Texas Instruments

Part # OP37AFK
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37AFK Datasheet(HTML) 2 Page - Texas Instruments

  OP37AFK Datasheet HTML 1Page - Texas Instruments OP37AFK Datasheet HTML 2Page - Texas Instruments OP37AFK Datasheet HTML 3Page - Texas Instruments OP37AFK Datasheet HTML 4Page - Texas Instruments OP37AFK Datasheet HTML 5Page - Texas Instruments OP37AFK Datasheet HTML 6Page - Texas Instruments OP37AFK Datasheet HTML 7Page - Texas Instruments OP37AFK Datasheet HTML 8Page - Texas Instruments OP37AFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
schematic
IN +
IN –
Q3
Q1A
Q1B Q2B
Q2A
Q11
Q12
Q27
Q28
Q26
Q46
Q19
Q20
Q45
Q22
Q24
Q23
Q21
Q6
VIO TRIM
VIO TRIM
VCC +
OUT
VCC –
480
µA
750
µA
260
µA
240
µA
120
µA
340
µA
C1†
† C1 = 120 pF for OP27
C1 = 15 pF for OP37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com