Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP37CFK Datasheet(PDF) 4 Page - Texas Instruments

Part # OP37CFK
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37CFK Datasheet(HTML) 4 Page - Texas Instruments

  OP37CFK Datasheet HTML 1Page - Texas Instruments OP37CFK Datasheet HTML 2Page - Texas Instruments OP37CFK Datasheet HTML 3Page - Texas Instruments OP37CFK Datasheet HTML 4Page - Texas Instruments OP37CFK Datasheet HTML 5Page - Texas Instruments OP37CFK Datasheet HTML 6Page - Texas Instruments OP37CFK Datasheet HTML 7Page - Texas Instruments OP37CFK Datasheet HTML 8Page - Texas Instruments OP37CFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
recommended operating conditions
OP27A, OP37A
OP27C, OP37C
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC +
4
15
22
4
15
22
V
Supply voltage, VCC –
–4
–15
–22
–4
–15
–22
V
Common mode input voltage VIC
VCC
± = ± 15 V, TA = 25°C
± 11
±11
V
Common-mode input voltage, VIC
VCC
± = ± 15 V, TA = – 55°C to 125°C ±10.3
±10.2
V
Operating free-air temperature, TA
–55
125
–55
125
°C
electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T †
OP27A, OP37A
OP27C, OP37C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0,
VIC = 0
25
°C
10
25
30
100
µV
VIO
Input offset voltage
O
,
IC
RS = 50 Ω, See Note 3
Full range
60
300
µV
αVIO
Average temperature
coefficient of input
offset voltage
Full range
0.2
0.6
0.4
1.8
µV/°C
Long-term drift of input
offset voltage
See Note 4
0.2
1
0.4
2
µV/mo
IIO
Input offset current
VO =0
VIC =0
25
°C
7
35
12
75
nA
IIO
Input offset current
VO = 0,
VIC = 0
Full range
50
135
nA
IIB
Input bias current
VO =0
VIC =0
25
°C
±10
±40
±15
±80
nA
IIB
Input bias current
VO = 0,
VIC = 0
Full range
±60
±150
nA
VICR
Common-mode input
25
°C
11
to
–11
11
to
–11
V
VICR
voltage range
Full range
10.3
to
– 10.3
10.5
to
– 10.5
V
RL ≥ 2 kΩ
±12 ±13.8
±11.5 ±13.5
VOM
Peak output voltage swing
RL ≥ 0.6 kΩ
±10 ±11.5
±10 ±11.5
V
RL ≥ 2 kΩ
Full range
±11.5
10.5
RL ≥ 2 kΩ,
VO = ± 10 V
1000
1800
700
1500
Large signal differential
RL ≥ 1 kΩ,
VO = ± 10 V
800
1500
1500
AVD
Large-signal differential
voltage amplification
RL ≥ 0.6 kΩ, VO = ± 1 V,
VCC
± = ± 4 V
250
700
200
500
V/mV
RL ≥ 2 kΩ,
VO = ± 10 V
Full range
600
300
ri(CM)
Common-mode input
resistance
3
2
G
Ω
ro
Output resistance
VO = 0,
IO = 0
25
°C
70
70
Ω
CMRR
Common-mode rejection
VIC = ± 11 V
25
°C
114
126
100
120
dB
CMRR
j
ratio
VIC = ± 10 V
Full range
110
94
dB
kSVR
Supply voltage rejection
VCC
± = ±4 V to ±18 V
25
°C
100
120
94
118
dB
kSVR
yg
j
ratio
VCC
± = ±4.5 V to ±18 V
Full range
96
86
dB
† Full range is – 55
°C to 125°C.
NOTES:
3. Input offset voltage measurements are performed by automatic test equipment approximately 0.5 seconds after applying power.
4. Long-term drift of input offset voltage refers to the average trend line of offset voltage versus time over extended periods after the
first 30 days of operation. Excluding the initial hour of operation, changes in VIO during the first 30 days are typically 2.5 µV
(see Figure 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com