Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6921 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6921
Description  5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6921 Datasheet(HTML) 2 Page - Texas Instruments

  PT6921 Datasheet HTML 1Page - Texas Instruments PT6921 Datasheet HTML 2Page - Texas Instruments PT6921 Datasheet HTML 3Page - Texas Instruments PT6921 Datasheet HTML 4Page - Texas Instruments PT6921 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
CHARACTERISTIC
DA T A
PT6920
Series
Note 1:
Note 1:
Note 1:
Note 1:
Note 1:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
PT6921, V2out = 2.5V, I2out = 2.2A (See Note 1)
Total Efficiency vs I1out
Total Power Dissipation vs I1out
I1out (A)
I1out (A)
Vin
Vin
30
40
50
60
70
80
90
01
2
3
4
5
6
Nat co nv.
60LF M
200LF M
I1out (A)
Safe Operating Area vs I1out
Recommended Maximum
Operating Temperature
40
50
60
70
80
90
100
01
2
3
4
5
6
4.5 V
5.0 V
5.5 V
V1out Ripple vs I1out
I1out (A)
0
2
4
6
8
10
01
2
3
4
5
6
4.5V
5.0V
5.5V
0
10
20
30
40
50
0123
456
4.5 V
5.0 V
5.5 V
Vin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com