Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT5103C Datasheet(PDF) 3 Page - Texas Instruments

Part # PT5103C
Description  1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5103C Datasheet(HTML) 3 Page - Texas Instruments

  PT5103C Datasheet HTML 1Page - Texas Instruments PT5103C Datasheet HTML 2Page - Texas Instruments PT5103C Datasheet HTML 3Page - Texas Instruments PT5103C Datasheet HTML 4Page - Texas Instruments PT5103C Datasheet HTML 5Page - Texas Instruments PT5103C Datasheet HTML 6Page - Texas Instruments PT5103C Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
Thermal derating graphs are developed in free-air convection cooling, which corresponds to approximately 40–60LFM of airflow.
Typical Characteristics
PT5100 Series
0
0.2
0.4
0.6
0.8
1
15
17
19
21
23
25
27
29
31
33
35
37
39
0
0.2
0.4
0.6
0.8
1
7
1115192327313539
0
0.2
0.4
0.6
0.8
1
7
9
11
13
15
17
19
21
23
25
27
PT5103, 3.3 VDC
(See Note A)
PT5101, 5.0 VDC
(See Note A)
PT5102, 12.0 VDC
(See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note B)
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
85°C
50°C
60°C
70°C
85°C
70°C
60°C
50°C
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1
26.0V
24.0V
18.0V
12.0V
9.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
0
0.2
0.4
0.6
0.8
1
26.0V
24.0V
18.0V
12.0V
9.0V
Vin
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
9.0V
12.0V
18.0V
24.0V
26.0V
Vin
70°C
85°C
40
45
50
55
60
65
70
75
80
85
90
0
0.2
0.4
0.6
0.8
1
9.0V
12.0V
18.0V
24.0V
30.0V
38.0V
Vin
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
38.0V
30.0V
24.0V
18.0V
12.0 V
9.0V
Vin
0
0. 2
0. 4
0. 6
0. 8
1
1. 2
1. 4
1. 6
1. 8
0
0.2
0. 4
0.6
0. 8
1
38.0V
30.0V
24.0V
18.0V
12.0V
9.0V
Vin
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
16.0V
20.0V
24.0V
30.0V
35.0V
38.0V
Vin
0
50
100
150
200
250
0
0.2
0.4
0.6
0.8
1
38.0V
35.0V
30.0V
24.0V
20.0V
16.0V
Vin
0
0. 4
0. 8
1. 2
1. 6
2
2. 4
0
0.2
0. 4
0.6
0. 8
1
38 .0V
35 .0V
30 .0V
24 .0V
20 .0V
16 .0V
Vin
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note B)
Thermal Derating (Ta)
(See Note B)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
1-A Positive Step-down
Integrated Switching Regulator



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com