Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MITI-3V1 Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # MITI-3V1
Description  Ultra-miniature normally open switch with 7.00mm x 1.80mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

MITI-3V1 Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  MITI-3V1 Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.hamlin.com
Hamlin USA
Tel: +1 920 648 3000 • Fax: +1 920 648 3001 • Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 • Fax: +44 (0)1379 649702 • Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0)
6142 923920 • Fax: +49 (0) 6142 923921 • Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1
6047 3000 • Fax: +33 (0) 1 6015 9136 • Email: sales.fr@hamlin.com
Issue No: 1 Date: 19/08/03
MITI-3V1 Features and Benefits
Features
•
Ultra-miniature normally open switch
with 7.00mm x 1.80mm (0.276” x
0.071”) glass envelope
•
Capable of switching 170Vdc at up to
10 Watts
•
1012 Ohms insulation resistance
•
Available sensitivity range
6-19 AT
•
Surface mount version available
Benefits
•
Hermetically sealed switch contacts are
not effected by and have no effect on
their external environment
•
Low, stable contact resistance
•
Very low space requirement
•
Zero operating power required for
contact closure
•
Fit and forget durability
Applications
•
Reed relays
•
Security
•
Metering
•
Mobile phones
DIMENSIONS (in) mm
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR
INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED
UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE.
Product performance may be affected by the application to which the
product is
applied. Upon request, HAMLIN will assist purchasers by
providing information specific to any particular application. HAMLIN
disclaims any and all liability whatsoever for any purchaser’s reliance
upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
Notes
1)
Contact rating-Product of the switching voltage and current should never exceed the
wattage rating. Contact Hamlin for additional load/life information.
2)
Operate (inc. bounce) /Release Time-per EIA/NARM RS421A, diode suppressed coil.
3)
Pull in Range-Contact Hamlin for tolerances available within this range.
4) Rating Sensitivity-The value at which contact ratings and operating characteristics are
determined. Derating may be required below this value.
5) Storage Temperature-Long time exposure at elevated temperature may degrade
solderability of the leads.
Switch Type
MITI-3V1
Contact Form
A
ELECTRICAL RATINGS
Contact Rating (1)
Watt - max.
10
Voltage
Switching
Vdc - max.
170
Breakdown
Vdc - min.
175
Current
Switching
A - max.
0.5
Carry
A - max.
0.5
Resistance
Contact, Initial
Ω - max.
0.15
Insulation
Ω - min.
1012
Capacitance
Contact
pF - typ.
0.3
Temperature
Operating
°C
-40 to +125
Storage (5)
°C
-65 to +125
OPERATING CHARACTERISTICS
Operate Time (2)
ms - max.
0.45
Release Time (2)
ms - max.
0.2
Shock
11ms
1⁄2 sine wave
G - max.
150
Vibration
50-2000 Hertz
G - max.
30
Resonant Frequency
Hz - typ.
18000
MAGNETIC CHARACTERISTICS
Pull-In Range (3)
Ampere Turns
6-19
Rating Sensitivity (4)
Ampere Turns
12
Test Coil
L4991


Similar Part No. - MITI-3V1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MITI-3V1 LITTELFUSE-MITI-3V1 Datasheet
503Kb / 2P
Axial Lead Reed Switches
More results

Similar Description - MITI-3V1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLRR-2 ETC1-MLRR-2 Datasheet
68Kb / 1P
Miniature normally open switch with 19.05mm x 2.66mm
logo
HAMLIN Position and Mov...
FLEX-14 HAMLIN-FLEX-14 Datasheet
115Kb / 1P
Sub-miniature normally open switch with 14.00mm x 2.28mm
MARR-5 HAMLIN-MARR-5 Datasheet
167Kb / 1P
Miniature normally open switch with 19.69mm x 2.66mm
MDCG-4 HAMLIN-MDCG-4 Datasheet
224Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.28mm
MDRR-6 HAMLIN-MDRR-6 Datasheet
127Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.28mm
MDSR-7 HAMLIN-MDSR-7 Datasheet
126Kb / 1P
Sub-miniature normally open switch with 12.7mm x 1.8mm
MDSR-10 HAMLIN-MDSR-10 Datasheet
130Kb / 1P
Sub-miniature normally open switch with 10.16mm x 1.80mm
MLRR-3 HAMLIN-MLRR-3 Datasheet
141Kb / 1P
Miniature normally open switch
MLRR-4 HAMLIN-MLRR-4 Datasheet
260Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.54mm
MRPR-3 HAMLIN-MRPR-3 Datasheet
149Kb / 1P
Miniature normally open switch with 19.69mm x 2.84mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com