Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT74804 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # NT74804
Description  10 Base-T LAN Modules with CMC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

NT74804 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  NT74804 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 22, 2006
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
NT74804
10 Base-T LAN Modules with CMC
Features
-
Designed to meet 802.3 10 Base-T Specification
-
Compact SMD package
-
Tape & Reel Available
Electrical Specifications at 25
°C
Parameter
Specification
Measured Pins
Test Condition
Turns Ratio
1CT : 1CT
±5%
(1-5-3) : (8-7-6)
HP4284A
1CT : 1CT
±5%
(16-12-14) : (9-10-11)
HP4284A
Insertion Loss
1.0 d B MAX
Tx-Channel & Rx-Channel
HP8751A @ 1-10 MHz
Cut off Freq
17 MHz typ.
Tx-Channel & Rx-Channel
HP8751A @ 3 d B
Attenuation
30 d B MIN
Tx-Channel
HP8751A @ 30 MHz
35 d B MIN
Tx-Channel
HP8751A @ 50 MHz
35 d B MIN
Tx-Channel
HP8751A @ 100 MHz
25 d B MIN
Rx-Channel
HP8751A @ 30 MHz
30 d B MIN
Rx-Channel
HP8751A @ 50 MHz
30 d B MIN
Rx-Channel
HP8751A @ 100 MHz
Return Loss
@ 100
Ω Load
18 d B MIN
Tx-Channel
HP8751A @ 5-10 MHz, 100
Ω
18 d B MIN
Rx-Channel
HP8751A @ 5-10 MHz, 100
Ω
Return Loss
@ 98
±13 Ω load
15 d B MIN
Tx-Channel
HP8751A @ 5-10 MHz, 98
± 13 Ω
15 d B MIN
Rx-Channel
HP8751A @ 5-10 MHz, 98
± 13 Ω
CMRR
60 d B MIN
Tx-Channel & Rx-Channel
HP8751A @ 5-10 MHz
55 d B MIN
Tx-Channel & Rx-Channel
HP8751A @ 50 MHz
50 d B MIN
Tx-Channel & Rx-Channel
HP8751A @ 100 MHz
45 d B MIN
Tx-Channel & Rx-Channel
HP8751A @ 200 MHz
Cross Talk
35 d B MIN
Tx-Channel to Rx-Channel
HP8751A @ 5-10 MHz
HI-POT
1500 VAC
Chip side TO Cable side
HI-POT TESTER
Mechanical Outlines
Seating
Plane
Co-planarity: 0.004 (0.1)
1.000 (25.4)
0.700 (17.78)
0.500 (12.7)
0.380
(9.65)
0.040
(1.02)
0.100 (2.54)
0.225 (5.7)
0.018 (0.46)
TYP
NT74804
(DATE CODE)
DATATRONIC
Tx-Channel
SCHEMATIC
Rx-Channel
16
5
14
12
1
3
9
11
10
8
6
7
All dimensions are specified in inches (mm)
Unless otherwise specified, tolerances are +/- 0.010 (0.25)
Dimensions are exclusive of solder


Similar Part No. - NT74804

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
NT74869 DATATRONICS-NT74869 Datasheet
133Kb / 2P
10 Base-T LAN Filter with CMC & pre-distortion resistors PCMCIA application
More results

Similar Description - NT74804

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8231 FILTRAN-8231 Datasheet
257Kb / 2P
LAN 10 BASE-T Surface Mount Interface Modules
8240 FILTRAN-8240 Datasheet
198Kb / 1P
LAN 10/100 BASE-T Single Port Transformer Modules
logo
Datatronic Distribution...
NT801-386 DATATRONICS-NT801-386 Datasheet
141Kb / 1P
10 Base-T LAN Filter with CMC for Tx channel
NT74869 DATATRONICS-NT74869 Datasheet
133Kb / 2P
10 Base-T LAN Filter with CMC & pre-distortion resistors PCMCIA application
logo
Bothhand USA, LP.
FS2023D BOTHHAND-FS2023D Datasheet
267Kb / 1P
10 BASE-T LAN MAGNETICS
TA140-14 BOTHHAND-TA140-14 Datasheet
251Kb / 1P
10 BASE-T LAN MAGNETIC
logo
Bourns Electronic Solut...
PT61020EL BOURNS-PT61020EL Datasheet
143Kb / 1P
LAN 10/100/1000 Base-T Transformer Modules
PT61022EL BOURNS-PT61022EL Datasheet
140Kb / 1P
LAN 10/100/1000 Base-T Transformer Modules
SM51589L BOURNS-SM51589L Datasheet
238Kb / 2P
LAN 10/100/1000 Base-T Transformer (PoE) Modules
PT61022L BOURNS-PT61022L Datasheet
180Kb / 1P
LAN 10/100/1000 Base-T Transformer Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com