Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT21701 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT21701
Description  RADIAL LEAD INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT21701 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT21701 Datasheet HTML 1Page - Datatronic Distribution, Inc. PT21701 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
March 27, 2006
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
ELECTRICAL SPECIFICATIONS AT 25ºC
Part Number
Inductance
(uH)
Q
Typ
Test
Frequency
(MHz)
SRF
Typ
(MHz)
DCR
Ohms
(Max)
Rated DC
Current
(A) (Max)
Package
Schematic
PT21701
PT21702
PT21703
PT21704
PT21705
1.0 ±20%
1.5 ±20%
2.2 ±20%
3.3 ±20%
4.7 ±20%
30
“
”
”
”
7.960
“
”
”
”
100
78
63
50
41
0.006
0.006
0.010
0.018
0.022
5.00
4.30
3.90
2.90
2.60
A
“
”
”
”
PT21706
PT21707
PT21708
PT21710
6.8 ±20%
10 ±10%
15 ±10%
22 ±10%
30
70
60
60
7.960
2.520
“
“
33
27
21
17
0.028
0.043
0.056
0.086
2.30
1.90
1.60
1.30
A
“
“
“
PT21711
PT21712
PT21713
PT21714
PT21715
33 ±10%
47 ±10%
68 ±10%
100 ±10%
150 ±10%
55
45
45
35
50
2.520
“
“
0.796
“
13
11
9.0
7.2
5.7
0.140
0.170
0.260
0.330
0.560
1.00
0.94
0.73
0.67
0.52
A
“
“
”
”
PT21716
PT21717
PT21718
PT21719
PT21720
220 ±10%
330 ±10%
470 ±10%
680 ±10%
1000 ±10%
35
36
55
40
140
0.796
“
“
“
0.252
4.5
3.6
2.9
2.3
1.9
0.720
1.100
1.700
2.300
4.300
0.46
0.37
0.30
0.26
0.19
A
“
”
”
”
PT21731
PT21732
PT21733
PT21734
PT21735
3.3 ±10%
4.7 ±10%
8.8 ±10%
10 ±10%
15 ±10%
25
25
25
60
45
7.960
“
“
2.520
“
54
50
38
30
24
0.013
0.017
0.022
0.031
0.042
3.40
3.00
2.60
2.20
1.90
B
”
”
”
”
PT21736
PT21737
PT21738
PT21739
PT21740
22 ±10%
33 ±10%
47 ±10%
68 ±10%
100 ±10%
60
45
40
35
30
2.520
“
“
“
0.796
17
15
13
10
8.2
0.070
0.082
0.130
0.160
0.230
1.50
1.20
1.00
0.97
0.81
B
“
”
”
”
PT21741
PT21742
PT21743
PT21744
PT21745
PT21746
PT21747
150 ±10%
220 ±10%
330 ±10%
470 ±10%
680 ±10%
1000 ±10%
1500 ±10%
35
25
30
20
20
50
90
0.796
“
“
“
“
0.252
“
6.6
5.3
4.2
3.4
2.5
2.3
1.8
0.400
0.430
0.750
1.000
1.500
2.200
3.500
0.61
0.52
0.44
0.39
0.32
0.26
0.21
B
“
”
”
”
”
”
PT21761
PT21762
PT21763
PT21764
PT21765
1.0 ±10%
1.5 ±10%
2.2 ±10%
3.3 ±10%
4.7 ±10%
20
20
20
20
20
0.796
“
“
“
“
150
110
68
59
45
0.004
0.006
0.006
0.006
0.009
8.40
5.60
5.00
4.50
4.00
C
“
”
”
”
PT21766
PT21767
PT21768
PT21769
6.8 ±10%
10 ±10%
15 ±10%
22 ±10%
20
75
70
65
0.796
2.52
“
“
34
26
19
14
0.012
0.015
0.019
0.026
3.50
3.20
2.80
2.40
C
“
”
”
Note:
1.
Full rated current is based on an ambient operating temperature of 85ºC with a 45ºC maximum temperature rise in free air, all
materials are rated at 155ºC or higher.
2.
For non-RoHS parts consult factory for special part numbers.
217 SERIES RADIAL LEAD INDUCTORS
Features
Designed for use in EMI filters and telephones
Inductance Range from 0.1
µH to 1.5mH
Materials meet UL94V-0
Operating Temp. -40
°C to +130°C (see note below)
Custom Inductance Values Available


Similar Part No. - PT21701

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT21121 DATATRONICS-PT21121 Datasheet
61Kb / 1P
Token Ring Transformer in PCMCIA package
PT21122 DATATRONICS-PT21122 Datasheet
61Kb / 1P
Token Ring Transformer in PCMCIA package
PT21123 DATATRONICS-PT21123 Datasheet
61Kb / 1P
Token Ring Transformer in PCMCIA package
PT21124 DATATRONICS-PT21124 Datasheet
61Kb / 1P
Token Ring Transformer in PCMCIA package
PT21125 DATATRONICS-PT21125 Datasheet
61Kb / 1P
Token Ring Transformer in PCMCIA package
More results

Similar Description - PT21701

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
Radial Lead Inductors
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
Radial Lead Inductors
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
Radial Lead Inductors
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
Radial Lead Inductors
logo
Murata Power Solutions ...
13R152C MURATA-PS-13R152C Datasheet
127Kb / 4P
Radial Lead Inductors
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
Radial Lead Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com