Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT22002 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT22002
Description  Common Mode EMI Suppression Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT22002 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT22002 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
October 12, 2006
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
3
4
W Max
L Max
3mm Creepage
Spacer
E
Max
H Max
.015
.380
Min
.20
5.08
Min
D±.010
C
±.010
Package: Vertical Mounting
1
3
2
4
W
L
H
.220
5.60
Min
.012
0.30
Min
C±.010
C±.010
E±.010
Package: Low Profile
INCHES .XXX
MILLIMETERS .XXX
ELECTRICAL SPECIFICATIONS AT 25ºC
Load (2)
VA RMS
Part
Number
Vertical
Mounting
Inductance
@ 1KHz
mH (Min)
Test
Volts RMS
@ 1KHz
Leakage
Inductance
130KHz
µH (Min)
DCR
Each WDG
Ω (Max)
Rated
Current (1)
Amps RMS
117V
220V
Lead Dia
Inches
±.003
Package
Part
Number
Low
Profile
Package
PT22001
PT22002
PT22003
PT22004
PT22005
PT22006
PT22007
10.0
3.0
1.0
16.0
8.0
4.0
2.0
0.50
0.20
0.08
1.00
0.50
0.20
0.08
130
35
12
180
90
45
25
0.24
0.06
0.02
0.16
0.12
0.04
0.02
1.8
3.5
6.0
2.6
3.2
5.2
7.5
210
400
700
300
375
600
875
420
800
1400
600
750
1200
1750
0.032
0.032
0.036
0.040
0.040
0.036
0.047
1
1
1
2
2
2
2
PT22011
PT22012
PT22013
PT22014
PT22015
PT22016
PT22017
3
3
3
4
4
4
4
Notes:
1.
Caution-Do NOT exceed rated RMS current ratings.
2.
Rated RMS current for 40°C temp rise.
3.
For non-RoHS parts, replace PT prefix with 42- (e.g. PT22001 becomes 42-22001).
4.
Terminal finish is compliant to RoHS requirements
220 Series Common Mode EMI Suppression Inductors
Features
Designed for use in switching mode power supply input filter circuits
Windings balanced within 1%
Low profile and vertical mountings are available
High dielectric strength 1250VRMS
International safety construction
Creepage 3.0mm minimum between windings
Meets UL94VO requirement
Tinned Leads with Leaded Solder is Available (note 3)
Vertical Mounting Outline
Low Profile Outline
W
L
C
D
E
H
W
L
H
C
E
Package 1
1.150
29.21
.550
13.97
.400
10.15
.800
20.32
.450
11.43
1.150
29.21
Package 3
1.250
31.75
1.250
31.75
.610
15.54
1.000
25.40
.900
22.86
Package 2
1.440
36.57
.800
20.32
.600
15.24
.900
22.86
.700
17.78
1.500
38.10
Package 4
1.500
38.10
1.500
38.10
.810
20.62
1.280
32.51
1.083
27.50


Similar Part No. - PT22002

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2210 PTC-PT2210 Datasheet
317Kb / 4P
Infrared Remote Control Transmitter
PT2210-D PTC-PT2210-D Datasheet
317Kb / 4P
Infrared Remote Control Transmitter
logo
Datatronic Distribution...
PT22101 DATATRONICS-PT22101 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22102 DATATRONICS-PT22102 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22103 DATATRONICS-PT22103 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
More results

Similar Description - PT22002

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LFZ28V DELTA-LFZ28V Datasheet
45Kb / 1P
EMI Common-Mode Suppression Inductors
logo
Rhombus Industries Inc.
L-489 RHOMBUS-IND-L-489 Datasheet
31Kb / 1P
Common Mode EMI Suppression Inductor
6/11/99
logo
Datatronic Distribution...
PT27110 DATATRONICS-PT27110 Datasheet
92Kb / 1P
Common Mode EMI Suppression Inductors (Open Construction)
logo
XFMRS Inc.
XF0013-VPCMC XFMRS-XF0013-VPCMC Datasheet
37Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTOR
logo
Pulse A Technitrol Comp...
PE-62893NL PULSE-PE-62893NL Datasheet
63Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTORS
PE-62897NL PULSE-PE-62897NL Datasheet
63Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTORS
PE-62916NL PULSE-PE-62916NL Datasheet
63Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTORS
logo
XFMRS Inc.
XF0013-VPCMC XFMRS-XF0013-VPCMC_15 Datasheet
37Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTOR
XF0274-VPCMC XFMRS-XF0274-VPCMC_15 Datasheet
93Kb / 2P
COMMON MODE EMI SUPPRESSION INDUCTOR
logo
Pulse A Technitrol Comp...
PE-62891 PULSE-PE-62891 Datasheet
58Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com