Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC4559D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # RC4559D
Description  DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4559D Datasheet(HTML) 1 Page - Texas Instruments

  RC4559D Datasheet HTML 1Page - Texas Instruments RC4559D Datasheet HTML 2Page - Texas Instruments RC4559D Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPERATING
TEMPERATURE
RANGE
VIO max
at 25
°C
RC4559
DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
SLOS074 – D2785, OCTOBER 1983 — REVISED JUNE 1988
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1991, Texas Instruments Incorporated
1
• Matched Gain and Offset Between
Amplifiers
• Unity-Gain Bandwidth...3 MHz Min
• Slew Rate... 1.5 V/ns Min
• Low Equivalent Input Noise Voltage
2
µV/Hz Max (20 Hz to 20 kHz)
• No Frequency Compensation Required
• No Latch Up
• Wide Common-Mode Voltage Range
• Low Power Consumption
• Designed to be Interchangeable with
Raytheon RC4559
AVAILABLE OPTIONS
SYMBOLIZATION
DEVICE
PACKAGE
SUFFIX
RC4559
D, P
–0
°C to 70°C
6 mV
The D packages are available taped and reeled. Add the suffix R to
the device type when ordering. (i.e.,RC4559DR)
description
The RC4559 is a dual high-performance operational amplifier. The high common-mode input voltage and the
absence of latch-up make this amplifier ideal for low-noise signal applications such as audio preamplifiers and
signal conditioners. This amplifier features a guaranteed dynamic performance and output drive capability that
far exceeds that of the general-purpose type amplifiers.
The RC4559 is characterized for operation from 0
°C to 70°C.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage VCC+ (see Note 1)
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage VCC– (see Note 1)
– 18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage (see Note 2)
±30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (any input, see Notes 1 and 3)
±15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short-circuit to ground, one amplifier at a time (see Note 4)
unlimited
. . . . . . . . . . . . . . . . .
Continuous total dissipation
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES: 1. All voltage values, unless otherwise noted, are with respect to the zero reference level (ground) of the supply voltages where the zero
reference level is the midpoint between VCC+ and VCC–.
2. Differential voltages are at the noninverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less.
4. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded.
IN+
OUT
IN–
1
2
3
4
8
7
6
5
OUT
IN –
IN +
VCC–
VCC+
OUT
IN –
IN +
D OR P PACKAGE
(TOP VIEW)
AMP # 1
AMP # 2
symbol (each amplifier)


Similar Part No. - RC4559D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC4559D FAIRCHILD-RC4559D Datasheet
95Kb / 14P
Dual High-Gain Operational Amplifier
logo
Texas Instruments
RC4559D TI1-RC4559D Datasheet
365Kb / 10P
DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
RC4559D TI2-RC4559D Datasheet
748Kb / 14P
RC4559 Dual High-Performance Operational Amplifier
REVISED DECEMBER 2024
RC4559DE4 TI1-RC4559DE4 Datasheet
365Kb / 10P
DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
RC4559DG4 TI1-RC4559DG4 Datasheet
365Kb / 10P
DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
More results

Similar Description - RC4559D

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4558 NEC-UPC4558 Datasheet
309Kb / 10P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
High-Performance Dual Operational Amplifier
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
High performance dual operational amplifier
04-Jun-2008
logo
Sanyo Semicon Device
LA6358AM SANYO-LA6358AM Datasheet
175Kb / 6P
High-Performance Dual Operational Amplifier
LA6358NJ SANYO-LA6358NJ Datasheet
283Kb / 6P
High-Performance Dual Operational Amplifier
LA6358NJM SANYO-LA6358NJM Datasheet
324Kb / 6P
High-Performance Dual Operational Amplifier
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
High-Performance Dual Operational Amplifier
logo
Renesas Technology Corp
PC4558 RENESAS-PC4558_15 Datasheet
316Kb / 13P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
RC4559 TI1-RC4559_15 Datasheet
365Kb / 10P
DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4558MF-DAA RENESAS-UPC4558MF-DAA Datasheet
321Kb / 11P
High Performance Dual Operational Amplifier
Jul 25, 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com