Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT21907 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT21907
Description  CURRENT SENSE INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT21907 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT21907 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 27, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
.300 MIN.
1
2
3
.625
.062
.312
.562
.512
.112
.625
.625
Ø.030
Ø.188
1
2
3
SCHEMATIC
ELECTRICAL SPECIFICATIONS AT 25ºC
Turns Ratio
Primary Peak
Secondary Inductance
DCR
Part No.
1T Pri
Current (Amp)
(H) Typical
(
Ω) Max.
PT21901
1000
3.5
85
65
PT21903
1000
5
85
65
PT21905
2000
10
170
200
PT21906
2000
15
170
200
PT21907
2000
20
170
200
219 SERIES CURRENT SENSE INDUCTORS
Features
Frequency Range: 40Hz to 20kHz
Operating Temperature: -40°C to +130°C
Dielectric Strength Pri to Sec: 2.5k Vrms
Fully Encapsulated Construction
Non RoHS Version is Available (note 3)
NOTES:
1. All dimensions are shown in inches
2. General tolerance
± 0.010 otherwise specified
3. For non-RoHS parts, replace PT prefix with 42-
(e.g. PT21901 becomes 42-21901).
4. Terminating resistor (RT) calculated:
RT = VREF * (N / IPEAK PRIMARY)
5. Inductance: 1Vrms @ 100Hz


Similar Part No. - PT21907

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT21925 DATATRONICS-PT21925 Datasheet
55Kb / 1P
CURRENT SENSE INDUCTORS
PT21926 DATATRONICS-PT21926 Datasheet
55Kb / 1P
CURRENT SENSE INDUCTORS
More results

Similar Description - PT21907

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-63586 PULSE-PE-63586 Datasheet
67Kb / 1P
THE CURRENT SENSE TRANSFORMERS & INDUCTORS
logo
TALEMA Group. LLC
AS-100 TALEMA-AS-100 Datasheet
58Kb / 2P
Current Sense Inductors & Transformers
logo
Rhombus Industries Inc.
L-11001 RHOMBUS-IND-L-11001 Datasheet
26Kb / 1P
CURRENT SENSE INDUCTORS
logo
Datatronic Distribution...
PT27310 DATATRONICS-PT27310 Datasheet
74Kb / 1P
Current Sense Inductors 50kHz - 200kHz
PT21925 DATATRONICS-PT21925 Datasheet
55Kb / 1P
CURRENT SENSE INDUCTORS
logo
Pulse A Technitrol Comp...
PE-64487NL PULSE-PE-64487NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-51719NL PULSE-PE-51719NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-51686NL PULSE-PE-51686NL Datasheet
86Kb / 1P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-51688NL PULSE-PE-51688NL Datasheet
78Kb / 2P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
FIS PULSE-FIS Datasheet
355Kb / 1P
Current Sense Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com