Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT22154 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT22154
Description  Low Cost Common Mode EMI Suppression Inductors (open type)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT22154 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT22154 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
April 2, 2008
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
Part
Number
Inductance
mH (Min)
Rated
Current
Amps (RMS)
Dimensions
O.D. (Max) x Width (Max)
Inch (mm)
Wire Size Dia Inch
(mm)
PT22101
PT22102
PT22103
PT22104
1.0
2.0
1.0
0.5
1
1
2
3
0.591 (15.0) x 0.335 (8.5)
0.591 (15.0) x 0.335 (8.5)
0.591 (15.0) x 0.335 (8.5)
0.591 (15.0) x 0.335 (8.5)
0.0118 (0.30)
0.0118 (0.30)
0.0157 (0.40)
0.0177 (0.45)
PT22111
PT22112
PT22113
PT22114
PT22115
PT22116
PT22117
PT22118
PT22119
PT22120
PT22121
0.6
1.0
2.0
3.0
5.0
0.6
1.0
2.0
3.0
0.6
1.0
1
1
1
1
1
2
2
2
2
3
3
0.690 (17.5) x 0.552 (14.0)
0.690 (17.5) x 0.552 (14.0)
0.690 (17.5) x 0.552 (14.0)
0.690 (17.5) x 0.552 (14.0)
0.690 (17.5) x 0.552 (14.0)
0.690 (17.5) x 0.552 (14.0)
0.690 (17.5) x 0.552 (14.0)
0.690 (17.5) x 0.552 (14.0)
0.690 (17.5) x 0.552 (14.0)
0.690 (17.5) x 0.552 (14.0)
0.690 (17.5) x 0.552 (14.0)
0.0160 (0.40)
0.0160 (0.40)
0.0160 (0.40)
0.0160 (0.40)
0.0160 (0.40)
0.0200 (0.50)
0.0200 (0.50)
0.0200 (0.50)
0.0200 (0.50)
0.0240 (0.60)
0.0240 (0.60)
PT22131
PT22132
PT22133
PT22134
PT22135
PT22136
PT22137
PT22138
PT22139
PT22140
1.0
1.0
2.0
3.0
5.0
8.0
1.0
2.0
5.0
8.0
2
2
2
2
2
2
5
5
4
4
0.910 (23.0) x 0.512 (13.0)
0.910 (23.0) x 0.730 (18.5)
0.910 (23.0) x 0.730 (18.5)
0.985 (25.0) x 0.790 (20.0)
1.063 (27.0) x 0.790 (20.0)
1.340 (34.0) x 0.910 (23.0)
0.985 (25.0) x 0.730 (18.5)
1.260 (32.0) x 0.830 (21.0)
1.340 (34.0) x 0.910 (23.0)
1.340 (34.0) x 0.910 (23.0)
0.0240 (0.60)
0.0240 (0.60)
0.0240 (0.60)
0.0240 (0.60)
0.0240 (0.60)
0.0240 (0.60)
0.0315 (0.80)
0.0315 (0.80)
0.0315 (0.80)
0.0315 (0.80)
PT22151
PT22152
PT22153
PT22154
PT22155
1.0
2.0
1.0
1.0
1.0
10
10
15
20
30
1.340 (34.0) x 0.830 (21.0)
1.850 (47.0) x 1.060 (27.0)
1.930 (49.0) x 1.060 (27.0)
2.360 (60.0) x 1.180 (30.0)
2.440 (62.0) x 1.378 (35.0)
0.0510 (1.30)
0.0510 (1.30)
0.0710 (1.80)
0.0910 (2.30)
0.1024 (2.60)
PT22161
PT22162
PT22163
PT22164
PT22165
PT22166
PT22167
PT22168
PT22169
PT22170
1.0
2.0
3.0
5.0
1.0
2.0
3.0
5.0
8.0
1.0
2
2
2
2
5
5
5
4
4
10
0.985 (25) x 0.79 (20) x 1.06 (27)
0.985 (25) x 0.79 (20) x 1.06 (27)
0.985 (25) x 0.79 (20) x 1.06 (27)
0.985 (25) x 0.79 (20) x 1.06 (27)
0.985 (25) x 0.79 (20) x 1.06 (27)
1.340 (34) x 0.91 (23) x 1.30 (33)
1.340 (34) x 0.91 (23) x 1.30 (33)
1.340 (34) x 0.91 (23) x 1.30 (33)
1.340 (34) x 0.91 (23) x 1.30 (33)
1.340 (34) x 0.91 (23) x 1.30 (33)
0.0240 (0.60)
0.0240 (0.60)
0.0240 (0.60)
0.0240 (0.60)
0.0320 (0.80)
0.0320 (0.80)
0.0320 (0.80)
0.0320 (0.80)
0.0320 (0.80)
0.0510 (1.30)
PT22181
PT22182
PT22183
PT22184
PT22185
PT22186
0.8
1.0
1.5
2.0
0.8
1.0
2
2
2
2
2
2
1.024 (26.0) x 0.470 (12.0)
1.024 (26.0) x 0.470 (12.0)
1.024 (26.0) x 0.470 (12.0)
1.024 (26.0) x 0.470 (12.0)
1.024 (26.0) x 0.470 (12.0)
1.024 (26.0) x 0.512 (13.0)
0.0240 (0.60)
0.0240 (0.60)
0.0240 (0.60)
0.0240 (0.60)
0.0260 (0.65)
0.0260 (0.65)
Notes:
1.
For non-RoHS parts, replace PT prefix with 42- (e.g. PT22101 becomes 42-22101).
2.
Terminal finish is compliant to RoHS requirements
221 Series Low Cost Common Mode EMI Suppression Inductors (open type)
Features
Designed for use in switching mode power supply input filter circuits
Windings balanced within 1%
High dielectric strength 1250 VRMS
Tinned Leads with Leaded Solder is Available (note 1)
Electrical Specifications at 25°C


Similar Part No. - PT22154

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2215 PTC-PT2215 Datasheet
448Kb / 16P
Infrared Remote Control Transmitter IC
PT2215-040 PTC-PT2215-040 Datasheet
448Kb / 16P
Infrared Remote Control Transmitter IC
More results

Similar Description - PT22154

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LFZ28V DELTA-LFZ28V Datasheet
45Kb / 1P
EMI Common-Mode Suppression Inductors
logo
Rhombus Industries Inc.
L-489 RHOMBUS-IND-L-489 Datasheet
31Kb / 1P
Common Mode EMI Suppression Inductor
6/11/99
logo
Datatronic Distribution...
PT22001 DATATRONICS-PT22001 Datasheet
97Kb / 1P
Common Mode EMI Suppression Inductors
PT27110 DATATRONICS-PT27110 Datasheet
92Kb / 1P
Common Mode EMI Suppression Inductors (Open Construction)
logo
XFMRS Inc.
XF0013-VPCMC XFMRS-XF0013-VPCMC Datasheet
37Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTOR
logo
Pulse A Technitrol Comp...
PE-62893NL PULSE-PE-62893NL Datasheet
63Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTORS
PE-62897NL PULSE-PE-62897NL Datasheet
63Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTORS
PE-62916NL PULSE-PE-62916NL Datasheet
63Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTORS
logo
XFMRS Inc.
XF0013-VPCMC XFMRS-XF0013-VPCMC_15 Datasheet
37Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTOR
logo
Pulse A Technitrol Comp...
PE-62891 PULSE-PE-62891 Datasheet
58Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com