Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMJ320C25 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SMJ320C25
Description  DIGITAL SIGNAL PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ320C25 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SMJ320C25 Datasheet HTML 17Page - Texas Instruments SMJ320C25 Datasheet HTML 18Page - Texas Instruments SMJ320C25 Datasheet HTML 19Page - Texas Instruments SMJ320C25 Datasheet HTML 20Page - Texas Instruments SMJ320C25 Datasheet HTML 21Page - Texas Instruments SMJ320C25 Datasheet HTML 22Page - Texas Instruments SMJ320C25 Datasheet HTML 23Page - Texas Instruments SMJ320C25 Datasheet HTML 24Page - Texas Instruments SMJ320C25 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
SMJ320C25, SMJ320C2550
DIGITAL SIGNAL PROCESSOR
SGUS007D – AUGUST 1988 – REVISED OCTOBER 2001
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
RS, INT, BIO, and XF timing
switching characteristics over recommended operating conditions (see Note 1)
PARAMETER
SMJ320C25-50
SMJ320C25
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
td(RS)
Delay time, CLKOUT1 low to reset state entered
22†
22†
ns
td(IACK) Delay time, CLKOUT1 to IACK valid
–5†
0
7
–8†
0
8
ns
td(XF)
Delay time, XF valid before falling edge of STRB
Q – 10
Q – 12
ns
timing requirements over recommended operating conditions (see Note 1)
SMJ320C25-50
SMJ320C25
UNIT
MIN
MAX
MIN
MAX
UNIT
tsu(IN)
Setup time, INT/BIO/RS before CLKOUT1 high
25
32
ns
th(IN)
Hold time, INT/BIO/RS after CLKOUT1 high
0
0
ns
tw(IN)
Pulse duration, INT/BIO low
tc(C)
tc(C)
ns
tw(RS)
Pulse duration, RS low
3tc(C)
3tc(C)
ns
switching characteristics over recommended operating conditions (see Note 1)
PARAMETER
SMJ320C25-50
SMJ320C25
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
td(C1L-AL) Delay time, HOLDA low after CLKOUT1 low
–1
11
–1
10
ns
tdis(AL-A) Disable time, HOLDA low to address three-state
0
0
ns
tdis(C1L-A)
Disable time, address three-state after CLKOUT1 low (HOLD
mode, see Note 7 )
20†
20†
ns
td(HH-AH) Delay time, HOLD high to HOLDA high
19
25
ns
ten(A-C1L)
Enable time, address driven before CLKOUT1 low (HOLD mode,
see Note 7 )
8†
8†
ns
timing requirements over recommended operating conditions (see Note 1)
SMJ320C25-50
SMJ320C25
UNIT
MIN
MAX
MIN
MAX
UNIT
td(C2H-H) Delay time, HOLD valid after CLKOUT2 high
Q – 19
Q – 24
ns
† These values are derived from characterization data and not tested.
NOTES:
1. Q = 1/4tc(C)
6. RS, INT, and BIO are asynchronous inputs and can occur at any time during a clock cycle. However, if the specified setup time is
met, the exact sequence shown in the timing diagram occurs. INT/BIO fall time must be less than 8 ns.
7. A15–A0, PS, DS, IS, STRB, and R/W timings are all included in timings referenced as ’”address”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com