Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM76925 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # SM76925
Description  GATE DRIVE TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

SM76925 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  SM76925 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 7, 2007
DATATRONIC:
28151 Highway 74, Romoland, CA 92585 Tel 951-928-7700, Toll free 888-889-5391, FAX 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SM76925
.060
1,52
4
5
6
3
2
1
.050
1,27
.200
5,05
.073
1,85
.236 MAX
6,00
.330 MAX
8,38
.024
6X,
0,61
.073
4X,
1,85
.197
5,00
GATE DRIVE TRANSFORMER SM76925
ELECTRICAL SPECIFICATIONS AT 25
°C
TURNS RATIO (1-6):(3-4):(2-5)
1:1:1
± 2%
POLARITY
1, 2, 3 SAME PHASE
OCL @100kHz, 0.1V (1-6)
330
µH ±20%
LEAKAGE INDUCTANCE @ 100kHz, 0.1V, (1-6)
0.40
µH MAX
Short (2-5) and (3-4)
DCR (1-6), (2-5), (3-4)
2.0
Ω MAX
HIPOT (1-6) to (3-4) and (2-5)
1500 VDC, 6 sec
ET
21.1 VµS
OPERATING TEMPERATURE
-40
°C TO +130°C
MECHANICAL OUTLINE
Notes:
1.
All dimensions are in inches/mm
2.
Unless otherwise specified, tolerance is ± .010/0,25
3.
Coplanarity is 0.004/0,102
4.
For non-RoHS parts replace the SM prefix with 42- (e.g. SM76925 becomes 42-76925)
5.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C
1
6
2
5
3
4
SCHEMATIC


Similar Part No. - SM76925

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM76922 DATATRONICS-SM76922 Datasheet
134Kb / 1P
GATE DRIVE TRANSFORMER
SM76924 DATATRONICS-SM76924 Datasheet
86Kb / 1P
GATE DRIVE TRANSFORMER
More results

Similar Description - SM76925

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0144-GD10 ETC-XF0144-GD10 Datasheet
35Kb / 1P
GATE DRIVE TRANSFORMER
logo
ice Components, Ins.
GT03 ICE-GT03 Datasheet
147Kb / 1P
Gate Drive Transformer
logo
Datatronic Distribution...
SM76922 DATATRONICS-SM76922 Datasheet
134Kb / 1P
GATE DRIVE TRANSFORMER
logo
ice Components, Ins.
GT03 ICE-GT03_10 Datasheet
240Kb / 1P
Gate Drive Transformer
GT04 ICE-GT04_08 Datasheet
206Kb / 2P
Gate Drive Transformer
logo
XFMRS Inc.
XF0144-GD10 XFMRS-XF0144-GD10 Datasheet
39Kb / 1P
Gate Drive Transformer
XF1145-GD11 XFMRS-XF1145-GD11 Datasheet
48Kb / 1P
Gate Drive Transformer
XF0144-GD10 XFMRS-XF0144-GD10_15 Datasheet
39Kb / 1P
GATE DRIVE TRANSFORMER
XF9806A-GD13 XFMRS-XF9806A-GD13 Datasheet
43Kb / 1P
GATE DRIVE TRANSFORMER
logo
Pulse A Technitrol Comp...
PL3057 PULSE-PL3057 Datasheet
98Kb / 2P
GATE DRIVE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com