Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM77121 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # SM77121
Description  GATE DRIVE TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

SM77121 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  SM77121 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
July 1, 2008
DATATRONIC:
28151 Highway 74, Romoland, CA 92585 Tel 951-928-7700, Toll free 888-889-5391, FAX 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1.32
.052
SM77121
DATE CODE
SUGGESTED PAD
LAYOUT
6.40
.252
5.08
.200
1.27
.050
1.78
.070
6
8.36
.329
6.35
.250
6.86
.270
1
3
4
5
2.54
.100
2.54
.100
2.40 MAX
.094
1
3
6
5
4
SCHEMATIC
GATE DRIVE TRANSFORMER SM77121
ELECTRICAL SPECIFICATIONS AT 25
°C:
TURN RATIO (1-3) : (6-5-4)
1 : 2CT +/-2 %
OCL (1-3) @100kHz, 0.1V
2.0 mH
±30%
Leakage L (1-3) @ 500kHz, 0.1V, SHORT (6-4)
4.0
μH ±20%
DCR (1-3)
1.00
Ω MAX
DCR (6-5)
1.00
Ω MAX
DCR (5-4)
1.00
Ω MAX
POLARITY
1, 6 & 5 SAME PHASE
HIPOT (1-3) TO (4-5-6)
1500 VDC
HIPOT (1,3,4,5,6) TO CORE
750 VDC
OPERATING VOLTAGE
8.5 V MAX
OPERATING FREQUENCY
200 kHz
ET
4 Vµsec Nominal
OPERATING TEMPERATURE
-40
°C TO +130°C
MECHANICAL OUTLINE:
NOTES:
1.
Dimensions are shown in millimeters/inches
2.
Unless otherwise specified, tolerance: ±0,25/0.010
3.
Coplanarity: 0.102/0.004
4.
For non-RoHS parts replace SM prefix with 42- (e.g. SM77121 becomes 42-77121)
5.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C


Similar Part No. - SM77121

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM77154 DATATRONICS-SM77154 Datasheet
76Kb / 1P
GATE DRIVE TRANSFORMER
More results

Similar Description - SM77121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0144-GD10 ETC-XF0144-GD10 Datasheet
35Kb / 1P
GATE DRIVE TRANSFORMER
logo
ice Components, Ins.
GT03 ICE-GT03 Datasheet
147Kb / 1P
Gate Drive Transformer
logo
Datatronic Distribution...
SM76922 DATATRONICS-SM76922 Datasheet
134Kb / 1P
GATE DRIVE TRANSFORMER
SM76925 DATATRONICS-SM76925 Datasheet
87Kb / 1P
GATE DRIVE TRANSFORMER
logo
ice Components, Ins.
GT03 ICE-GT03_10 Datasheet
240Kb / 1P
Gate Drive Transformer
GT04 ICE-GT04_08 Datasheet
206Kb / 2P
Gate Drive Transformer
logo
XFMRS Inc.
XF0144-GD10 XFMRS-XF0144-GD10 Datasheet
39Kb / 1P
Gate Drive Transformer
XF1145-GD11 XFMRS-XF1145-GD11 Datasheet
48Kb / 1P
Gate Drive Transformer
XF0144-GD10 XFMRS-XF0144-GD10_15 Datasheet
39Kb / 1P
GATE DRIVE TRANSFORMER
XF9806A-GD13 XFMRS-XF9806A-GD13 Datasheet
43Kb / 1P
GATE DRIVE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com