Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR77053 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR77053
Description  Inductors Approved for Use for Tripath Digital Audio Amplifiers Using Digital Power Processing??Technology
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR77053 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR77053 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 7, 2007
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
"E" MAX
"D" MAX
"C" MAX
"A" MAX
"B" MAX
SCHEMATIC
ALL DIMENSIONS ARE GIVEN IN
INCHES UNLESS OTHERWISE
SPECIFIED. TOLERANCE ±0.01
SUGGESTED PAD LAYOUT
"E" MAX
HOLE SIZE
"F"
Inductors Approved for Use for
Tripath Digital Audio Amplifiers Using
Digital Power Processing™ Technology
1.
Note: For non-RoHS parts replace DR prefix with 42- (e.g. DR77053 becomes 42-77053)
Dimensions
Datatronics
Part
Number
Tripath
Chipset
Tripath Part
Number
Inductance
± 20% @ 10kHz
1V
DCR
OHMS
Max.
A
B
C
D
E
F
DR77053
TK2050
TK2050
6 Channel
T602-48T24V
15µH
0.1
0.70
0.70
0.50
0.32
0.27
0.028
DR77054
TK2015
TK2015
6 Channel
TA2041
T602-40T24V
11µH
0.1
0.70
0.70
0.50
0.32
0.27
0.028
DR77055
TK2051
Parallel
T682-44T22V
11µH
0.1
0.85
0.85
0.50
0.33
0.28
0.033
DR77056
TK2150 LV
TK2150_6LV
T802-57T24V
18µH
0.13
1.00
1.00
0.50
0.33
0.30
0.028
DR77057
TK2150 LV
TK2150_6LV
T802-45T22V
11µH
0.07
1.00
1.00
0.50
0.35
0.30
0.033
DR77058
TK2150 HV
TK2150_6HV
T942-46T20V
18µH
0.06
1.10
1.10
0.50
0.43
0.38
0.039
DR77096
TK2150 HV
TK2150_6HV
T942-37T19V
11µH
0.04
1.30
1.30
0.50
0.50
0.35
0.045
DR77097
TK2350 LV(1)
TK2350 LV(2)
TA0105-1
TA3020
Bridged (-1, -2)
T1062-29T16V
11.3µH
0.02
1.40
1.40
0.50
0.65
0.49
0.063
DR77098
TA0105-2
T1062-49T18V
33µH
0.05
1.40
1.40
0.50
0.65
0.49
0.049
DR77099
TA3020
Bridged (3)
T1572-28T14V
11µH
0.015
2.00
2.00
0.50
0.85
0.64
0.079


Similar Part No. - DR77053

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR77194 DATATRONICS-DR77194 Datasheet
69Kb / 1P
SMD INDUCTOR DR77194
logo
PerkinElmer Optoelectro...
DR7760 PERKINELMER-DR7760 Datasheet
23Kb / 1P
Trigger coil TR
More results

Similar Description - DR77053

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TLD4012 TRIPATH-TLD4012 Datasheet
183Kb / 13P
ADSL LINE DRIVER USING TRIPATH DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com