Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAL16R6AMWB Datasheet(PDF) 12 Page - Texas Instruments

Part # PAL16R6AMWB
Description  STANDARD HIGH-SPEED PAL CIRCUITS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAL16R6AMWB Datasheet(HTML) 12 Page - Texas Instruments

Back Button PAL16R6AMWB Datasheet HTML 8Page - Texas Instruments PAL16R6AMWB Datasheet HTML 9Page - Texas Instruments PAL16R6AMWB Datasheet HTML 10Page - Texas Instruments PAL16R6AMWB Datasheet HTML 11Page - Texas Instruments PAL16R6AMWB Datasheet HTML 12Page - Texas Instruments PAL16R6AMWB Datasheet HTML 13Page - Texas Instruments PAL16R6AMWB Datasheet HTML 14Page - Texas Instruments PAL16R6AMWB Datasheet HTML 15Page - Texas Instruments PAL16R6AMWB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
PAL16L8AM, PAL16L8A-2M, PAL16R4AM, PAL16R4A-2M
PAL16R6AM, PAL16R6A-2M, PAL16R8AM, PAL16R8A-2M
STANDARD HIGH-SPEED PAL® CIRCUITS
SRPS016 – D2705, FEBRUARY 1984 – REVISED MARCH 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
12
SRPS016
PARAMETER MEASUREMENT INFORMATION
tsu
S1
From Output
Under Test
Test
Point
R2
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE OUTPUTS
3 V
0
1.5 V
1.5 V
th
1.5 V
Timing
Input
Data
Input
Input
In-Phase
Output
Out-of-Phase
Output
(see Note D)
tpd
tpd
tpd
tpd
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOH
VOH
VOL
VOL
3 V
0
3 V
0
1.5 V
1.5 V
1.5 V
1.5 V
tw
High-Level
Pulse
Low-Level
Pulse
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note B)
Waveform 2
S1 Open
(see Note B)
1.5 V
1.5 V
3 V
0
≈ 3.3 V
VOL
VOH
VOH – 0.5 V
≈ 0 V
ten
ten
tdis
tdis
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATIONS
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
R1
3 V
3 V
0
0
VOL + 0.5 V
5 V
NOTES: A. CL includes probe and jig capacitance and is 50 pF for tpd and ten, 5 pF for tdis.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2
is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses have the following characteristics: PRR
≤ 10 MHz, tr and tf ≤ 2 ns, duty cycle = 50%
D. When measuring propagation delay times of 3- state outputs, switch S1 is closed.
E. Equivalent loads may be used for testing.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com