Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSOV Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSOV
Description  SMD Ceramic Clock-Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSOV Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSOV Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSOV Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MCSOV
SMD Ceramic Clock-Oscillator
Overall stability ± 100ppm
3.3V Power Supply
Up to 20MHz
Date :
June 2003
Revision No. : 7
Revision Date : 11-05
Page 1 / 2
In accordance with our policy of continuous development and improvement,
we reserve the right to modify the design or the specifications of our products without prior notice.
Headquarters:
Micro Crystal
Div. of ETA SA
Mühlestrasse 14
CH-2540 Grenchen
Switzerland
Tel.
Fax
Internet
Email
+41 32 655 82 82
+41 32 655 80 90
www.microcrystal.ch
sales@microcrystal.ch
FREQUENCY STABILITY
OVER:
OPERATING TEMP. RANGE:
See note 1
OVERALL STABILITY:
< ±100ppm *
INCLUDING:
OVER OPERATING TEMPERATURE RANGE
ADJUSTMENT @ 25°C
LONG TERM AGING (10 YEARS)
STABILITY OVER SUPPLY VOLTAGE ±5%
STABILITY OVER LOAD (MIN. TO MAX.)
POWER SUPPLY
SUPPLY VOLTAGE:
Vdd = 3.3V ±5%
*
INPUT CURRENT:
< 10mA*
OUTPUT
OUTPUT SIGNAL:
HC-MOS compatible *
SYMMETRY:
40 / 60% (min.) @ Vdd / 2 *
RISE & FALL TIME:
tr < 7ns
tf < 7ns *
LEVEL “0” & “1”:
< 0.4V
> Vdd – 0.5V
START-UP TIME:
< 5ms
FAN OUT (LOAD):
10 TTL / LS *
ENVIRONMENT
OPERABLE TEMP. RANGE:
-55 to +125°C
STORAGE TEMP. RANGE:
-65 to +125°C
VIBRATIONS:
10 to 2000Hz / 10g
SHOCKS:
5000g, 0.3ms, ½ sine
PACKAGE:
Ceramic
PACKAGE DIMENSIONS:
14.1 x 9.3 x 2.4mm
(see packaging info)
PROCESSING:
Reflow soldering 260°C / 10s max.
(see packaging info)
MISCELLANEOUS
* Customer’s specification on request
Note 1: Operating Temperature Range
MCSOV-A:
0 to +70 °C
MCSOV-B:
-40 to +85 °C
MCSOV-C:
-55 to +125 °C
Option 1: Enable / Disable (on request)
See application circuit on page 2 for details
Pin 1:
Pin 3 (Fout)::
Open
Clock
H
Clock
L
High Z
Not available for f < 500kHz
Option 2: J / Leads (on request)
With tinned J / Leads pins
Height: 3.8mm included J / Leads
Marking Example
MCSOV-B
E/D
Type
Option 1
20.000 MHz
05.44
Frequency
Date Code
(PIN 1)
Ordering Information Example
MCSO
V -
B
20MHz
E/D
xxx
Oscillator Type
MCSO = Surface Mount
Clock
Crystal Oscillator
Oscillator Version
Temperature Range
V = Low Power Voltage
A = 0 to +70°C
B = -40 to 85°C
C = -55 to 125°C
X = Custom spec.
Oscillator Output
Frequency
Option 1:
E/D = Enable /
Disable
Customer
spec N°
J/L
Option 2:
J/L = J-Leads
STANDARD FREQUENCIES [MHz]
10.0000
10.1500
10.2300
10.2400
11.0592
12.0000
12.2880
12.8000
13.0000
14.7456
16.0000
16.3840
18.4320
19.2000
19.6608
20.0000
& sub multiple


Similar Part No. - MCSOV

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSOV GOLLEDGE-MCSOV Datasheet
67Kb / 1P
3.3V CMOS Oscillator Mil Temp
MCSOV GOLLEDGE-MCSOV Datasheet
567Kb / 4P
Excellent shock & vibration resistance
MCSOV/BE GOLLEDGE-MCSOV/BE Datasheet
67Kb / 1P
3.3V CMOS Oscillator Mil Temp
logo
MICORO CRYSTAL SWITZERL...
MCSOVT MICROCRYSTAL-MCSOVT Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
logo
Golledge Electronics Lt...
MCSOV GOLLEDGE-MCSOV_18 Datasheet
567Kb / 4P
Excellent shock & vibration resistance
More results

Similar Description - MCSOV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALD ABRACON-ALD_2 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
logo
MICORO CRYSTAL SWITZERL...
MCSO MICROCRYSTAL-MCSO Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOF MICROCRYSTAL-MCSOF Datasheet
77Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOFV MICROCRYSTAL-MCSOFV Datasheet
77Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOH MICROCRYSTAL-MCSOH Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOHT MICROCRYSTAL-MCSOHT Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOHV MICROCRYSTAL-MCSOHV Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOHVT MICROCRYSTAL-MCSOHVT Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOT MICROCRYSTAL-MCSOT Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOVT MICROCRYSTAL-MCSOVT Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com