Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSOVT Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSOVT
Description  SMD Ceramic Clock-Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSOVT Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  MCSOVT Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSOVT Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCSOHVTSMD Ceramic Clock-Oscillator
Overall stability ± 50ppm
3.3V Power Supply
20 to 160MHz
Date :
June 2003
Revision No. : 7
Revision Date : 11-05
Page 2 / 2
In accordance with our policy of continuous development and improvement,
we reserve the right to modify the design or the specifications of our products without prior notice.
Headquarters:
Micro Crystal
Div. of ETA SA
Mühlestrasse 14
CH-2540 Grenchen
Switzerland
Tel.
Fax
Internet
Email
+41 32 655 82 82
+41 32 655 80 90
www.microcrystal.ch
sales@microcrystal.ch
Application and Test Circuit:
V
A
4
1
2
3
Vdd
Cd
Oscilloscope
or
Counter
C load
15pF
*
D1
D2
D3
D4
Vcc
R load
2k
HC-MOS
TTL
100nF
E/D
No power on E/D
function (pin 1) before
Vdd is setting on
Waveform Output:
Waveshape TTL
Gnd
Vdd
2.4V min.
1.4V
0.4V max.
tf
tr
T1
T2
Waveshape HC-MOS
Gnd
Vdd
Vdd - 0.5V min.
1/2 Vdd
Gnd + 0.4V max.
tf
tr
T1
T2
[ ]
%
2
1
1
100
T
T
T
Cycle
Duty
+
×
=



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com