Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCXO Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # OCXO
Description  Oven Controlled Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

OCXO Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  OCXO Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND OCXO Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OCXO
Oven Controlled Crystal Oscillator
HC-MOS Output
12 V Power Supply
up to 40 MHz
DATE:
June 2003
Revision No.: 7
Page 2/2
In accordance with our policy of continuous development and improvement,
we reserve the right to modify the design or the specifications of our products without prior notice.
Headquarters:
Micro Crystal
Div. of ETA SA
Mühlestrasse 14
CH-2540 Grenchen
Switzerland
Tel.
Fax
Internet
Email
+41 32 655 82 82
+41 32 655 80 90
www.microcrystal.ch
sales@microcrystal.ch
Application and Test Circuit:
Adjustment with voltage
V
A
14
17
8
Vcc
Cd1
Oscilloscope
or
Counter
C load
15pF
*
D1
D2
D3
D4
Vcc
R load
2k
Vc
V
HC-MOS
TTL
Cd2
Adjustment with resistor
V
A
14
17
8
Vcc
Cd1
Oscilloscope
or
Counter
C load
15pF
*
D1
D2
D3
D4
Vcc
R load
2k
HC-MOS
TTL
Cd2
Radj
(0–10kohms
)
low thermal
coefficient
Waveform Output:
Waveshape TTL
Gnd
Vcc
2.4V min.
1.4V
0.4V max.
tf
tr
T1
T2
Waveshape HC-MOS
Gnd
Vcc
Vcc - 0.5V min.
(Except 12V: 5V-0.5V min.)
1/2 Vcc
Gnd + 0.4V max.
tf
tr
T1
T2
[]
%
2
1
1
100
T
T
T
Cycle
Duty
+
×
=



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com