Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564-C2 Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564-C2
Description  Real Time Clock Module with IC Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564-C2 Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  RV-8564-C2 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND RV-8564-C2 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Version 3.0/03.2007
DIMENSIONS
RV-8564-C2
Real Time Clock Module with I
2C Bus
All dimensions in mm typical
DESCRIPTION:
This very small SMD ceramic package has been specially designed to
combine the 32.768 kHz crystal unit with the CMOS-based oscillator and
real-time-clock circuit.
The calendar function tracks year, month, date, and day-of-the-week with
built-in century and leap-year flags. The clock function tracks minute and
second in 24-hour format. Programmable alarm setting and universal
timer functions increase flexibility.
For pick-and-place equipment, the parts are available in 12 mm tape:
7” (178 mm) reel with 1'000 parts
10” (254 mm) reel with 2'500 parts
13” (330 mm) reel with 5'000 parts
Xtal integrated solution
Miniature SMT ceramic package
Ultra low power consumption
Very tight frequency tolerance
I
2C Bus Interface (400 kHz) *
Programmable Clock-output
Low aging
Time keeping mode down to 1.2 V
Programmable alarm, timer and
interrupt functions
Package:
Recommended Solder Pad:
BLOCK DIAGRAM:
OUTPUT
CONTROL
OSC
I
2C-BUS
INTERFACE
Voltage Detector
DIVIDER
CONTROL
LOGIC
ADDRESS
REGISTER
POR
Timer
Timer Control
CLKOUT frequency
Weekday Alarm
Day Alarm
Hour Alarm
Minutes Alarm
Years
Month / Century
Weekdays
Days
Hours
Minutes
Seconds
Control 2
Control 1
32.768 KHz
CRYSTAL
CLKOUT
CLKOE
INT
SCL
SDA
00
0F
VDD
GND
7
10
2
4
5
6
1
* The I2C Bus is a trademark of Philips Electronics N.V.
1,0
5,0
1,0
1,0
1,0
1,0
4,6
0,4
0,6
±0,2
100% leadfree, RoHS - compliant
RV-8564-C2.indd 1
25.05.2007 10:34:22


Similar Part No. - RV-8564-C2

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-8564-C2 MICROCRYSTAL-RV-8564-C2_17 Datasheet
1Mb / 2P
Real-Time Clock Module with I2C-Bus
More results

Similar Description - RV-8564-C2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTC-8563JE ETC-RTC-8563JE Datasheet
416Kb / 2P
IC-Bus interface real time clock module
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C2 MICROCRYSTAL-RV-3029-C2 Datasheet
551Kb / 2P
Real Time Clock Module with IC-Bus
RV-2123-C2 MICROCRYSTAL-RV-2123-C2 Datasheet
373Kb / 2P
Real Time Clock Module with SPI Bus
RV-3029-C3 MICROCRYSTAL-RV-3029-C3 Datasheet
502Kb / 2P
Real Time Clock Module with I2C-Bus
RV-2251-C3 MICROCRYSTAL-RV-2251-C3 Datasheet
364Kb / 2P
Real Time Clock Module with I2C Bus
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-B5ZE-S3 ABRACON-AB-RTCMC-32.7KHZ-B5ZE-S3 Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
02.05.13
logo
MICORO CRYSTAL SWITZERL...
RV-2123-C2 MICROCRYSTAL-RV-2123-C2_16 Datasheet
373Kb / 2P
Real Time Clock Module with SPI Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_16 Datasheet
371Kb / 2P
Real Time Clock Module with I2C Bus
RV-8564-C3 MICROCRYSTAL-RV-8564-C3_17 Datasheet
978Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_18 Datasheet
996Kb / 2P
Real Time Clock Module with I2C-Bus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com