Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT43 Datasheet(PDF) 2 Page - Dc Components

Part # BAT43
Description  TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BAT43 Datasheet(HTML) 2 Page - Dc Components

  BAT43 Datasheet HTML 1Page - Dc Components BAT43 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (BAT42 AND BAT43)
5
10
0
2
4
6
8
10
12
15
25
30
20
Tamb= 25oC
REVERSE VOLTAGE, (V)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
0
5
10
0.01
0.1
10
100
1000
1
15
20
25
30
25oC
50oC
75oC
100oC
125oC
REVERSE VOLTAGE, (V)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
0
25
50
0.01
0.1
10
100
1000
1
75
100
125
90% confidence
VR=25V
Max.
Typ.
AMBIENT TEMPERATURE, (oC)
FIG. 3 - TYPICAL REVERSE CURRENT VERSUS
AMBIENT TEMPERATURE
0
0.2
0.4
0.01
0.1
1
10
1000
100
0.6
0.8
1
1.2
Tamb= 125oC
Tamb= 25oC
Tamb= - 55oC
FIG. 1 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS AT DIFFERENT
TEMPERATURES
INSTANTANEOUS FORWARD VOLTAGE, (V)
R
DC COMPONENTS CO., LTD.
0.2
0.4
0.6
0.8
1
0
100
200
300
400
500
TJ= 25oC
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com