Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN28835 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN28835
Description  1/2-INCH NTSC TIMER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28835 Datasheet(HTML) 1 Page - Texas Instruments

  SN28835 Datasheet HTML 1Page - Texas Instruments SN28835 Datasheet HTML 2Page - Texas Instruments SN28835 Datasheet HTML 3Page - Texas Instruments SN28835 Datasheet HTML 4Page - Texas Instruments SN28835 Datasheet HTML 5Page - Texas Instruments SN28835 Datasheet HTML 6Page - Texas Instruments SN28835 Datasheet HTML 7Page - Texas Instruments SN28835 Datasheet HTML 8Page - Texas Instruments SN28835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN28835
1/2-INCH NTSC TIMER
SOCS023B – FEBRUARY 1991
Copyright
© 1991, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• NTSC-Timing Operation
• Solid-State Reliability
• Color and Monochrome Operation
• Four Selectable-Antiblooming Modes
• Variable-Integration-Time Option
• Surface-Mount Package
• Clamp-Pulse Select Option
• Horizontal and Vertical Resets for External
Synchronization
description
The SN28835 is a monolithic integrated circuit
designed to supply timing signals for the Texas
Instruments (TI
™) 8-mm TC242/TC244 color and
TC243/TC245 monochrome CCD image sensors.
The SN28835 supplies both CCD-drive signals
and NTSC-television synchronization signals at
standard video rates. It requires a single
5-V
supply
voltage
and
a
14.318-MHz
crystal-oscillator input. The SN28835 provides the
user with several options
including multiple
antiblooming modes, variable-integration time,
external synchronization, and delayed horizontal
transfer.
The SN28835 is designed to drive the CCD image sensor through intermediary level-shifting devices such as
the TI TMS3473B parallel driver and the SN28846 serial driver. It also supplies sample-and-hold signals for the
TI TL1593 3-channel sample-and-hold circuit and multiplex signals for the TI TL1051 video preprocessor. The
SN28835 NTSC synchronization-signal outputs include composite sync, composite blank, clamp, subcarrier,
subcarrier delayed by 90 degrees, and burst flag.
The SN28835 is supplied in a 44-pin plastic flat package and is characterized for operation from –20
°C to 45°C.
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, precautions should be taken to avoid application of any voltage higher than maximum-rated voltages to these
high-impedance circuits. During storage or handling, the device leads should be shorted together or the device should be placed in
conductive foam. In a circuit, unused inputs should always be connected to an appropriated logic voltage level, preferably either VCC or ground.
Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling Electrostatic-Discharge-Sensitive
(ESDS) Devices and Assemblies available from Texas Instruments.
TI is a trademark of Texas Instruments Incorporated.
GND
MODE
PI
ABIN
GT
PS
PD
S3
S2
S1
T
12 13
1
2
3
4
5
6
7
8
9
10
11
BCP1
BCP2
CP2
CP1
CSYNC
CBLK
BF
SC
SC(90)
ABS0
ABS1
14 15 16 17
43 42 41 40 39
44
38
36 35 34
37
18 19 20 21 22
FS PACKAGE
(TOP VIEW)
33
32
31
30
29
28
27
26
25
24
23
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN28835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28835FS TI-SN28835FS Datasheet
469Kb / 19P
786- 횞 488-pixel ccd image sensor
SN28835FS TI-SN28835FS Datasheet
311Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
More results

Similar Description - SN28835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28837 TI-SN28837 Datasheet
296Kb / 18P
1/2-INCH PAL TIMER
TMS3471C TI-TMS3471C Datasheet
304Kb / 19P
2/3-INCH NTSC TIMER
logo
Samsung semiconductor
KC73125UCA SAMSUNG-KC73125UCA Datasheet
248Kb / 20P
1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC74125C SAMSUNG-KC74125C Datasheet
255Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC75118C SAMSUNG-KC75118C Datasheet
255Kb / 20P
1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F425NX03 SAMSUNG-S5F425NX03 Datasheet
254Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
3 1/2 Digit Timer Watch
August 10, 2000
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
1/3 inch CCD Image Sensor for NTSC Camera
logo
Texas Instruments
TMC57750 TI1-TMC57750 Datasheet
200Kb / 14P
1/4-INCH RS-170 TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com