Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN28837 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN28837
Description  1/2-INCH PAL TIMER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28837 Datasheet(HTML) 1 Page - Texas Instruments

  SN28837 Datasheet HTML 1Page - Texas Instruments SN28837 Datasheet HTML 2Page - Texas Instruments SN28837 Datasheet HTML 3Page - Texas Instruments SN28837 Datasheet HTML 4Page - Texas Instruments SN28837 Datasheet HTML 5Page - Texas Instruments SN28837 Datasheet HTML 6Page - Texas Instruments SN28837 Datasheet HTML 7Page - Texas Instruments SN28837 Datasheet HTML 8Page - Texas Instruments SN28837 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN28837
1/2-INCH PAL TIMER
SOCS031B – JULY 1991
Copyright
© 1991, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• PAL-Timing Operation
• Solid-State Reliability
• Color and Monochrome Operation
• Five Selectable-Antiblooming Modes
• Variable-Integration-Time Option
• Surface-Mount Package
• Clamp-Pulse Select Option
• Horizontal and Vertical Resets for External
Synchronization
description
The SN28837 is a monolithic integrated circuit
designed to supply timing signals for the Texas
Instruments (TI
™) 8-mm-diagonal TC276 (PAL
color) and TC277 (PAL monochrome) CCD image
sensors. The SN28837 supplies both CCD-drive
signals
and
PAL-television
synchronization
signals at standard video rates. It requires a
single 5-V supply voltage and a 13.37-MHz
crystal-oscillator input. The SN28837 provides the
user with several options including multiple
antiblooming modes, variable-integration time,
external synchronization, clamp-pulse selection,
and delayed horizontal transfer.
The SN28837 is designed to drive the CCD image sensor through intermediary level-shifting devices such as
the TI TMS3473B parallel driver and the SN28846 serial driver. It also supplies sample-and-hold signals for the
TI TL1593 3-channel sample-and-hold circuit and multiplex signals for the TI TL1051 video preprocessor. In
color applications, the SN28837 interfaces with the SN28838 color-subcarrier generator to generate the PAL
color subcarrier.
The SN28837 is supplied in a 60-pin plastic flat package and is characterized for operation from –20
°C to 45°C.
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, precautions should be taken to avoid application of any voltage higher than maximum-rated voltages to these
high-impedance circuits. During storage or handling, the device leads should be shorted together or the device should be placed in
conductive foam. In a circuit, unused inputs should always be connected to an appropriate logic voltage level, preferably either VCC or ground.
Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling Electrostatic-Discharge-Sensitive
(ESDS) Devices and Assemblies available from Texas Instruments.
TI is a trademark of Texas Instruments Incorporated.
VCC
VCC1
X2
X1
GND
VCC
PI
ABIN
GT
PS
NC
S3
S2
S1
T
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
BCP1
BCP2
CP1
CP2
CSYNC
CBLK
BF
VD
SCBLK
IDP
HGATE
TESTA
FI
SFI
NC
17 18 19 20 21 22 23 24 25 26 27 28 29
59 58 57 56 55 54 53 52 51 50 49 48 47
16
30
46
60
FS PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN28837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28837FS TI-SN28837FS Datasheet
297Kb / 19P
735- 횞 580-PIXEL CCD IMAGE SENSOR
More results

Similar Description - SN28837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28835 TI-SN28835 Datasheet
254Kb / 17P
1/2-INCH NTSC TIMER
TMS3471C TI-TMS3471C Datasheet
304Kb / 19P
2/3-INCH NTSC TIMER
logo
Samsung semiconductor
KC73129UCA SAMSUNG-KC73129UCA Datasheet
249Kb / 20P
1/3 INCH CCD IMAGE SENSOR FOR PAL CAMERA
KC74129C SAMSUNG-KC74129C Datasheet
257Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
Sony Corporation
ICX027CKA SONY-ICX027CKA Datasheet
326Kb / 15P
1/2 INCH CCD IMAGE SENSOR FOR PAL COLOR CAMERA
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
3 1/2 Digit Timer Watch
August 10, 2000
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
1/3 inch CCD Image Sensor for PAL Camera
logo
Texas Instruments
TMC57750 TI1-TMC57750 Datasheet
200Kb / 14P
1/4-INCH RS-170 TIMER
logo
ON Semiconductor
MT9V128 ONSEMI-MT9V128 Datasheet
2Mb / 88P
1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. F Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com